Electronic Components Datasheet Search
  English  ▼

X  

ZL2004 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # ZL2004
Description  Adaptive Digital DC-DC Controller with Current Sharing
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2004 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button ZL2004 Datasheet HTML 18Page - Renesas Technology Corp ZL2004 Datasheet HTML 19Page - Renesas Technology Corp ZL2004 Datasheet HTML 20Page - Renesas Technology Corp ZL2004 Datasheet HTML 21Page - Renesas Technology Corp ZL2004 Datasheet HTML 22Page - Renesas Technology Corp ZL2004 Datasheet HTML 23Page - Renesas Technology Corp ZL2004 Datasheet HTML 24Page - Renesas Technology Corp ZL2004 Datasheet HTML 25Page - Renesas Technology Corp ZL2004 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
ZL2004
FN6846 Rev. 3.00
Page 22 of 42
February 15, 2011
5.7.9 Current Sensing Components
Once the current sense method has been selected
(Refer to Section 5.8, “Current Limit Threshold
Selection,”), the components are selected as follows.
When using the inductor DCR sensing method, the
user must also select an R/C network comprised of R1
and CL (see Figure 14).
VIN
VOUT
PWMH
ISENA
ZL
ISENB
PWML
Figure 14. DCR Current Sensing
For the voltage across CL to reflect the voltage across
the DCR of the inductor, the time constant of the
inductor must match the time constant of the RC
network. That is:
DCR
L
C
R
L
DCR
L
RC
1
/
For L, use the average of the nominal value and the
minimum value. Include the effects of tolerance, DC
Bias and switching frequency on the inductance when
determining the minimum value of L. Use the typical
value for DCR.
The value of R1 should be as small as feasible and no
greater than 5 kΩ for best signal-to-noise ratio. The
designer should make sure the resistor package size is
appropriate for the power dissipated and include this
loss in efficiency calculations. In calculating the
minimum value of R1, the average voltage across CL
(which is the average IOUT·DCR product) is small and
can be neglected. Therefore, the minimum value of R1
may be approximated by the following equation:
 
P
pkg
R
OUT
OUT
IN
P
V
D
V
V
D
R
max
1
2
2
max
min
1
1
,
where PR1pkg-max is the maximum power dissipation
specification for the resistor package and δP is the
derating factor for the same parameter (eg.: PR1pkg-max =
0.0625W for 0603 package, δP = 50% @ 85°C). Once
R1-min has been calculated, solve for the maximum
value of CL from
DCR
R
L
C
L
min
1
max
and choose the next-lowest readily available value (eg.:
For CL-max = 1.86µF, CL = 1.5µF is a good choice).
Then substitute the chosen value into the same
equation and re-calculate the value of R1. Choose the
1% resistor standard value closest to this re-calculated
value of R1. The error due to the mismatch of the two
time constants is
%
100
1
1
avg
L
L
DCR
C
R
The value of R2 should be simply five times that of R1:
1
2
5 R
R
5.8 Current Limit Threshold Selection
It is recommended that the user include a current
limiting mechanism in their design to protect the power
supply from damage and prevent excessive current
from being drawn from the input supply in the event
that the output is shorted to ground or an overload
condition is imposed on the output. Current limiting is
accomplished by sensing the current through the circuit
during a portion of the duty cycle.
Output current sensing can be accomplished by
measuring the voltage across a series resistive sensing
element according to the following equation:
SENSE
LIM
LIM
R
I
V
Where:
ILIM is the desired maximum current that should
flow in the circuit
RSENSE is the resistance of the sensing element
VLIM is the voltage across the sensing element at the
point the circuit should start limiting the output
current.
The ZL2004 supports “lossless” current sensing, by
measuring the voltage across a resistive element that is
already
present
in
the
circuit.
This
eliminates
additional efficiency losses incurred by devices that
must use an additional series resistance in the circuit.
To set the current limit threshold, the user must first
select
a
current
sensing
method.
The
ZL2004
incorporates one method for current sensing, inductor
DC resistance (DCR) sensing; Figure 14 shows a
simplified schematic for DCR method.
The current sensing method and current limit threshold
can be selected using the ILIM pin using Table 17.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com