Electronic Components Datasheet Search
  English  ▼

X  

ZL2004 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ZL2004
Description  Adaptive Digital DC-DC Controller with Current Sharing
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2004 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ZL2004 Datasheet HTML 1Page - Renesas Technology Corp ZL2004 Datasheet HTML 2Page - Renesas Technology Corp ZL2004 Datasheet HTML 3Page - Renesas Technology Corp ZL2004 Datasheet HTML 4Page - Renesas Technology Corp ZL2004 Datasheet HTML 5Page - Renesas Technology Corp ZL2004 Datasheet HTML 6Page - Renesas Technology Corp ZL2004 Datasheet HTML 7Page - Renesas Technology Corp ZL2004 Datasheet HTML 8Page - Renesas Technology Corp ZL2004 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
ZL2004
Adaptive Digital DC-DC Controller with Current Sharing
FN6846 Rev. 3.00
Page 1 of 42
February 15, 2011
FN6846
Rev. 3.00
February 15, 2011
DATASHEET
Description
The ZL2004 is a digital DC-DC controller designed to
work with the ZL1505 MOSFET driver IC. Current
sharing allows multiple devices to be connected in
parallel to source loads with very high current
demands.
Adaptive
performance
optimization
algorithms improve power conversion efficiency across
the entire load range. Zilker Labs Digital-DC™
technology enables a blend of power conversion
performance and power management features.
The ZL2004 is designed to be a flexible building block
for DC power and can be easily adapted to designs
ranging from a single-phase power supply operating
from a 4.5 V input to a multi-phase supply operating
from a 12V input. The ZL2004 eliminates the need for
complicated power supply managers as well as
numerous external discrete components.
All operating features can be configured by simple pin-
strap/resistor selection or through the SMBus™ serial
interface. The ZL2004 uses the PMBus™ protocol for
communication with a host controller and the Digital-
DC bus for communication between other Zilker Labs
devices.
Features
Power Conversion
 Efficient synchronous buck controller
 Adaptive performance optimization algorithms
 4.5 V to 14 V input range
 0.54 V to 4 V output range (with margin)
 ± 1% V
OUT set-point accuracy
 Fast load transient response
 Current sharing and phase interleaving
 Digitally adjustable current sense range
 Snapshot™ parameter capture
 RoHS compliant (5 x 5 mm) QFN package
Power Management
 Digital soft start/stop
 Precision delay and ramp-up
 Power good/enable
 Voltage tracking, sequencing and margining
 Voltage/current/temperature monitoring
 SMBus communication (PMBus compliant)
 Output voltage and current protection
 Internal non-volatile memory (NVM)
Applications
 Servers / storage equipment
 Telecom / datacom equipment
 Power supplies (memory, DSP, ASIC, FPGA)
Figure 1. Block Diagram
CURRENT
SENSE
LDO
TEMP
SENSOR
V (0,1)
VMON
MGN
VR VDD
PWML
ISENA
ISENB
POWER
LEVEL
SHIFTER
XTEMP
PWM
I2C
SCL
SDA
SALRT
SA (0,1)
MANAGEMENT
EN PG
CFG
SS
ILIM
FC
MONITOR
CONTROLLER
V25
SYNC
SGND DGND
ADC
NON-
VOLATILE
MEMORY
VTRK
VSEN+/-
DDC
PWMH
NOT RECOMMENDED FOR NEW DESIGNS
RECOMMENDED REPLACEMENT PART ZL8101


Similar Part No. - ZL2004

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL2004 INTERSIL-ZL2004 Datasheet
614Kb / 42P
Adaptive Digital DC-DC Controller with Current Sharing
February 18, 2009
ZL2004-01 INTERSIL-ZL2004-01 Datasheet
157Kb / 6P
Adaptive Digital DC-DC Controller with Current Sharing
February 18, 2009
logo
Renesas Technology Corp
ZL2004-01 RENESAS-ZL2004-01 Datasheet
409Kb / 8P
Adaptive Digital DC/DC Controller with Current Sharing
logo
Intersil Corporation
ZL2004-01 INTERSIL-ZL2004-01 Datasheet
229Kb / 7P
Adaptive Digital DC/DC Controller with Current Sharing
May 23, 2011
ZL2004ALNF-01 INTERSIL-ZL2004ALNF-01 Datasheet
229Kb / 7P
Adaptive Digital DC/DC Controller with Current Sharing
May 23, 2011
More results

Similar Description - ZL2004

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FD2004 FAIRCHILD-FD2004 Datasheet
745Kb / 2P
Adaptive Digital DC-DC Controller with Current Sharing
logo
Intersil Corporation
ZL2004 INTERSIL-ZL2004 Datasheet
614Kb / 42P
Adaptive Digital DC-DC Controller with Current Sharing
February 18, 2009
ZL2004-01 INTERSIL-ZL2004-01 Datasheet
157Kb / 6P
Adaptive Digital DC-DC Controller with Current Sharing
February 18, 2009
ZL2006 INTERSIL-ZL2006 Datasheet
959Kb / 45P
Adaptive Digital DC-DC Controller with Drivers and Current Sharing
February 18, 2009
ZL6100 INTERSIL-ZL6100 Datasheet
540Kb / 33P
Adaptive Digital DC/DC Controller with Drivers and Current Sharing
September 8, 2009
ZL2004ALNN-01 INTERSIL-ZL2004ALNN-01 Datasheet
229Kb / 7P
Adaptive Digital DC/DC Controller with Current Sharing
May 23, 2011
ZL2006 INTERSIL-ZL2006_14 Datasheet
776Kb / 45P
Adaptive Digital DC-DC Controller with Drivers and Current Sharing
December 15, 2010
ZL6100ALAF INTERSIL-ZL6100ALAF Datasheet
803Kb / 34P
Adaptive Digital DC/DC Controller with Drivers and Current Sharing
August 29, 2012
logo
Renesas Technology Corp
ZL2004-01 RENESAS-ZL2004-01 Datasheet
409Kb / 8P
Adaptive Digital DC/DC Controller with Current Sharing
ZL2006 RENESAS-ZL2006 Datasheet
1Mb / 45P
Adaptive Digital DC-DC Controller with Drivers and Current Sharing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com