Electronic Components Datasheet Search
  English  ▼

X  

ZL2004 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ZL2004
Description  Adaptive Digital DC-DC Controller with Current Sharing
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2004 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ZL2004 Datasheet HTML 16Page - Renesas Technology Corp ZL2004 Datasheet HTML 17Page - Renesas Technology Corp ZL2004 Datasheet HTML 18Page - Renesas Technology Corp ZL2004 Datasheet HTML 19Page - Renesas Technology Corp ZL2004 Datasheet HTML 20Page - Renesas Technology Corp ZL2004 Datasheet HTML 21Page - Renesas Technology Corp ZL2004 Datasheet HTML 22Page - Renesas Technology Corp ZL2004 Datasheet HTML 23Page - Renesas Technology Corp ZL2004 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
ZL2004
FN6846 Rev. 3.00
Page 20 of 42
February 15, 2011
Once an inductor is selected, the DCR and core losses
in the inductor are calculated. Use the DCR specified
in the inductor manufacturer’s datasheet.
2
Lrms
LDCR
I
DCR
P
ILrms is given by
 
12
2
2
opp
OUT
Lrms
I
I
I
where IOUT is the maximum output current. Next,
calculate the core loss of the selected inductor. Since
this calculation is specific to each inductor and
manufacturer, refer to the chosen inductor datasheet.
Add the core loss and the ESR loss and compare the
total
loss
to
the
maximum
power
dissipation
recommendation in the inductor datasheet.
5.7.4 Output Capacitor Selection
Several trade-offs must also be considered when
selecting an output capacitor. Low ESR values are
needed to have a small output deviation during
transient load steps (Vosag) and low output voltage
ripple (Vorip). However, capacitors with low ESR, such
as semi-stable (X5R and X7R) dielectric ceramic
capacitors, also have relatively low capacitance values.
Many designs can use a combination of high
capacitance devices and low ESR devices in parallel.
For high ripple currents, a low capacitance value can
cause a significant amount of output voltage ripple.
Likewise, in high transient load steps, a relatively large
amount of capacitance is needed to minimize the
output voltage deviation while the inductor current
ramps up or down to the new steady state output
current value.
As a starting point, apportion one-half of the output
ripple voltage to the capacitor ESR and the other half
to capacitance, as shown in the following equations:
2
8
orip
sw
opp
OUT
V
f
I
C
opp
orip
I
V
ESR
2
Use these values to make an initial capacitor selection,
using a single capacitor or several capacitors in
parallel.
After a capacitor has been selected, the resulting output
voltage ripple can be calculated using the following
equation:
OUT
sw
opp
opp
orip
C
f
I
ESR
I
V
8
Because each part of this equation was made to be less
than or equal to half of the allowed output ripple
voltage, the Vorip should be less than the desired
maximum output ripple.
5.7.5 Input Capacitor
It is highly
recommended that dedicated input
capacitors be used in any point-of-load design, even
when the supply is powered from a heavily filtered 5 or
12 V “bulk” supply from an off-line power supply.
This is because of the high RMS ripple current that is
drawn by the buck converter topology. This ripple
(ICINrms) can be determined from the following
equation:
)
1
(
D
D
I
I
OUT
CINrms
Without capacitive filtering near the power supply
circuit, this current would flow through the supply bus
and return planes, coupling noise into other system
circuitry. The input capacitors should be rated at 1.2X
the
ripple
current
calculated
above
to
avoid
overheating of the capacitors due to the high ripple
current, which can cause premature failure. Ceramic
capacitors with X7R or X5R dielectric with low ESR
and 1.1X the maximum expected input voltage are
recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com