Electronic Components Datasheet Search
  English  ▼

X  

ZL2004 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # ZL2004
Description  Adaptive Digital DC-DC Controller with Current Sharing
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2004 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button ZL2004 Datasheet HTML 28Page - Renesas Technology Corp ZL2004 Datasheet HTML 29Page - Renesas Technology Corp ZL2004 Datasheet HTML 30Page - Renesas Technology Corp ZL2004 Datasheet HTML 31Page - Renesas Technology Corp ZL2004 Datasheet HTML 32Page - Renesas Technology Corp ZL2004 Datasheet HTML 33Page - Renesas Technology Corp ZL2004 Datasheet HTML 34Page - Renesas Technology Corp ZL2004 Datasheet HTML 35Page - Renesas Technology Corp ZL2004 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
ZL2004
FN6846 Rev. 3.00
Page 32 of 42
February 15, 2011
Table 20. Tracking Mode Configuration
RSS
UVLO
Tracking
Ratio
Upper Track Limit
Ramp-up / Ramp-down Behavior
19.6 k
W
4.5 V
100%
Limited by target
voltage
Output not allowed to decrease before PG
21.5 k
W
Output will always follow VTRK
23.7 k
W
Limited by VTRK
pin voltage
Output not allowed to decrease before PG
26.1 k
W
Output will always follow VTRK
28.7 k
W
50%
Limited by target
voltage
Output not allowed to decrease before PG
31.6 k
W
Output will always follow VTRK
34.8 k
W
Limited by VTRK
pin voltage
Output not allowed to decrease before PG
38.3 k
W
Output will always follow VTRK
42.2 k
W
10.8 V
100%
Limited by target
voltage
Output not allowed to decrease before PG
46.4 k
W
Output will always follow VTRK
51.1 k
W
Limited by VTRK
pin voltage
Output not allowed to decrease before PG
56.2 k
W
Output will always follow VTRK
61.9 k
W
50%
Limited by target
voltage
Output not allowed to decrease before PG
68.1 k
W
Output will always follow VTRK
75 k
W
Limited by VTRK
pin voltage
Output not allowed to decrease before PG
82.5 k
W
Output will always follow VTRK
6.9 I2C/SMBus Communications
The ZL2004 provides an I
2C/SMBus digital interface
that enables the user to configure all aspects of the
device operation as well as monitor the input and
output parameters. The ZL2004 can be used with any
standard 2-wire I
2C host device. In addition, the device
is compatible with SMBus version 2.0 and includes an
SALRT line to help mitigate bandwidth limitations
related to continuous fault monitoring. Pull-up resistors
are required on the I
2C/SMBus. The ZL2004 accepts
most standard PMBus commands. When controlling
the device with PMBus commands, it is recommended
that the enable pin is tied to SGND.
6.10 I2C/SMBus Device Address Selection
When communicating with multiple SMBus devices
using the I
2C/SMBus interface, each device must have
its own unique address so the host can distinguish
between the devices. The device address can be set
according to the pin-strap options listed in Table 21.
Address values are right-justified.
Table 21. SMBus Device Address Selection
SA0
LOW
OPEN
HIGH
SA1
LOW
0x20
0x21
0x22
OPEN
0x23
0x24
0x25
HIGH
0x26
0x27
Reserved
If additional device addresses are required, a resistor
can be connected to the SA0 pin according to Table 22
to provide up to 25 unique device addresses. In this
case, the SA1 pin should be tied to SGND.
If more than 25 unique device addresses are required or
if other SMBus address values are desired, both the SA0
and SA1 pins can be configured with a resistor to SGND
according to the following equation and Table 23.
SMBus address = 25 x (SA1 index) + (SA0 index)
(in decimal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com