Electronic Components Datasheet Search
  English  ▼

X  

FT28C010 Datasheet(PDF) 7 Page - Force Technologies Ltd

Part # FT28C010
Description  128K x 8 Bit 5V EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT28C010 Datasheet(HTML) 7 Page - Force Technologies Ltd

Back Button FT28C010 Datasheet HTML 3Page - Force Technologies Ltd FT28C010 Datasheet HTML 4Page - Force Technologies Ltd FT28C010 Datasheet HTML 5Page - Force Technologies Ltd FT28C010 Datasheet HTML 6Page - Force Technologies Ltd FT28C010 Datasheet HTML 7Page - Force Technologies Ltd FT28C010 Datasheet HTML 8Page - Force Technologies Ltd FT28C010 Datasheet HTML 9Page - Force Technologies Ltd FT28C010 Datasheet HTML 10Page - Force Technologies Ltd FT28C010 Datasheet HTML 11Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
HARDWARE DATA PROTECTION
The FT28C010 provides three hardware features that
protect nonvolatile data from inadvertent writes.
• Noise Protection—A WE pulse less than 10ns will not
initiate a write cycle.
• Default VCC Sense—All functions are inhibited when
VCC is ≤3.5V.
• Write inhibit—Holding eitherOE LOW, WE HIGH, or
CE
HIGH will prevent an inadvertent write cycle
during power-up and power-down, maintaining data
integrity.
SOFTWARE DATA PROTECTION
The FT28C010 offers a software controlled data protec-
tion feature. The FT28C010 is shipped from Force with the
software data protection NOT ENABLED: that is the
device will be in the standard operating mode. In this
mode data should be protected during power-up/-down
operations through the use of external circuits. The host
would then have open read and write access of the
device once VCC was stable.
The FT28C010 can be automatically protected during
power-up and power-down without the need for external
circuits by employing the software data protection fea-
ture. The internal software data protection circuit is
enabled after the first write operation utilising the soft-
ware algorithm. This circuit is nonvolatile and will remain
set for the life of the device unless the reset command
is issued.
Once the software protection is enabled, the FT28C010
is also protected from inadvertent and accidental writes
in the powered-up state. That is, the software algorithm
must be issued prior to writing additional data to the
device.
SOFTWARE ALGORITHM
Selecting the software data protection mode requires
the host system to precede data write operations by a
series of three write operations to three specific ad-
dresses. Refer to Figures 6 and 7 for the sequence. The
three byte sequence opens the page write window
enabling the host to write from one to two hundred fifty-
six bytes of data. Once the page load cycle has been
completed, the device will automatically be returned to
the data protected state.
FT28C010-xxxxx-X
Rev 1.1
7/30
2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com