Electronic Components Datasheet Search
  English  ▼

X  

FT28C010 Datasheet(PDF) 11 Page - Force Technologies Ltd

Part # FT28C010
Description  128K x 8 Bit 5V EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT28C010 Datasheet(HTML) 11 Page - Force Technologies Ltd

Back Button FT28C010 Datasheet HTML 7Page - Force Technologies Ltd FT28C010 Datasheet HTML 8Page - Force Technologies Ltd FT28C010 Datasheet HTML 9Page - Force Technologies Ltd FT28C010 Datasheet HTML 10Page - Force Technologies Ltd FT28C010 Datasheet HTML 11Page - Force Technologies Ltd FT28C010 Datasheet HTML 12Page - Force Technologies Ltd FT28C010 Datasheet HTML 13Page - Force Technologies Ltd FT28C010 Datasheet HTML 14Page - Force Technologies Ltd FT28C010 Datasheet HTML 15Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation of
the device at these or any other conditions above those
indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS*
Temperature under Bias
FT28C010 ...................................... –10° C to +85°C
FT28C010I ................................... –65° C to +135°C
FT28C010M ................................. –65° C to +135°C
Storage Temperature ......................... –65° C to +150°C
Voltage on any Pin with
Respect to VSS ....................................... –1V to +7V
D.C. Output Current ............................................. 5mA
Lead Temperature
(Soldering, 10 seconds) .............................. 300°C
RECOMMEND OPERATING CONDITIONS
Temperature
Min.
Max.
Commercial
0°C
+70°C
Industrial
–40°C
+85°C
Military
–55°C
+125°C
Supply Voltage
Limits
FT28C010
5V±10%
D.C. OPERATING CHARACTERISTICS (Over the recommended operating conditions, unless otherwise specified.)
Limits
Symbol
Parameter
Min.
Max.
Units
Test Conditions
ICC
VCC Current (Active)
50
mA
CE
= OE = VIL, WE = VIH,
(TTL Inputs)
All I/O’s = Open, Address Inputs =
.4V/2.4V Levels @ f = 5MHz
ISB1
VCC Current (Standby)
3
mA
CE
= VIH, OE = VIL
(TTL Inputs)
All I/O’s = Open, Other Inputs = VIH
ISB2
VCC Current (Standby)
500
µA
CE
= VCC – 0.3V, OE = VIL
(CMOS Inputs)
All I/O’s = Open, Other Inputs = VCC
ILI
Input Leakage Current
10
µAVIN = VSS to VCC
ILO
Output Leakage Current
10
µAVOUT = VSS to VCC, CE = VIH
VlL(1)
Input LOW Voltage
–1
0.8
V
VIH(1)
Input HIGH Voltage
2VCC + 1
V
VOL
Output LOW Voltage
0.4
V
IOL = 2.1mA
VOH
Output HIGH Voltage
2.4
VIOH = –400µA
Notes: (1) VIL min. and VIH max. are for reference only and are not tested.
FT28C010-xxxxx-X
Rev 1.1
11/30
2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com