Electronic Components Datasheet Search
  English  ▼

X  

FT28C010 Datasheet(PDF) 16 Page - Force Technologies Ltd

Part # FT28C010
Description  128K x 8 Bit 5V EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT28C010 Datasheet(HTML) 16 Page - Force Technologies Ltd

Back Button FT28C010 Datasheet HTML 12Page - Force Technologies Ltd FT28C010 Datasheet HTML 13Page - Force Technologies Ltd FT28C010 Datasheet HTML 14Page - Force Technologies Ltd FT28C010 Datasheet HTML 15Page - Force Technologies Ltd FT28C010 Datasheet HTML 16Page - Force Technologies Ltd FT28C010 Datasheet HTML 17Page - Force Technologies Ltd FT28C010 Datasheet HTML 18Page - Force Technologies Ltd FT28C010 Datasheet HTML 19Page - Force Technologies Ltd FT28C010 Datasheet HTML 20Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
DATA
Polling Timing Diagram(7)
Toggle Bit Timing Diagram
CE
OE
WE
I/O6
tOES
tDW
tWC
tOEH
HIGH Z
*
*
* I/O6 beginning and ending state will vary.
Note: (7) Polling operations are by definition read cycles and are therefore subject to read cycle timings.
ADDRESS
AN
3858 FHD F09
DIN=X
DOUT=X
DOUT=X
tWC
tOEH
tOES
AN
AN
CE
WE
OE
I/O7
tDW
FT28C010-xxxxx-X
Rev 1.1
16/30
2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com