Electronic Components Datasheet Search
  English  ▼

X  

FT28C010 Datasheet(PDF) 20 Page - Force Technologies Ltd

Part # FT28C010
Description  128K x 8 Bit 5V EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT28C010 Datasheet(HTML) 20 Page - Force Technologies Ltd

Back Button FT28C010 Datasheet HTML 16Page - Force Technologies Ltd FT28C010 Datasheet HTML 17Page - Force Technologies Ltd FT28C010 Datasheet HTML 18Page - Force Technologies Ltd FT28C010 Datasheet HTML 19Page - Force Technologies Ltd FT28C010 Datasheet HTML 20Page - Force Technologies Ltd FT28C010 Datasheet HTML 21Page - Force Technologies Ltd FT28C010 Datasheet HTML 22Page - Force Technologies Ltd FT28C010 Datasheet HTML 23Page - Force Technologies Ltd FT28C010 Datasheet HTML 24Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
DC Characteristics (Military)
Symbol
Parameter
Condition
Min
Max
Units
ILI
Input Load Current
VIN = 0V to VCC + 1V
10
µA
ILO
Output Leakage Current
VI/O = 0V to VCC
10
µA
ISB1
VCC Standby Current CMOS
CE = VCC - 0.3V to VCC + 1V
300
µA
ISB2
VCC Standby Current TTL
CE = 2.0V to VCC + 1V
3
mA
ICC
VCC Active Current
f = 5 MHz; IOUT = 0 mA
80
mA
VIL
Input Low Voltage
0.8
V
VIH
Input High Voltage
2.0
V
VOL
Output Low Voltage
IOL = 2.1 mA
0.45
V
VOH1
Output High Voltage
IOH = -400 µA2.4V
VOH2
Output High Voltage CMOS
IOH = -100 µA; VCC = 4.5V
4,2
V
FT28C010-xxxxx-AT
Rev 1.1
20/30
2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com