Electronic Components Datasheet Search
  English  ▼

X  

FT28C010 Datasheet(PDF) 17 Page - Force Technologies Ltd

Part # FT28C010
Description  128K x 8 Bit 5V EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT28C010 Datasheet(HTML) 17 Page - Force Technologies Ltd

Back Button FT28C010 Datasheet HTML 13Page - Force Technologies Ltd FT28C010 Datasheet HTML 14Page - Force Technologies Ltd FT28C010 Datasheet HTML 15Page - Force Technologies Ltd FT28C010 Datasheet HTML 16Page - Force Technologies Ltd FT28C010 Datasheet HTML 17Page - Force Technologies Ltd FT28C010 Datasheet HTML 18Page - Force Technologies Ltd FT28C010 Datasheet HTML 19Page - Force Technologies Ltd FT28C010 Datasheet HTML 20Page - Force Technologies Ltd FT28C010 Datasheet HTML 21Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
The FT28C010 is accessed like a Static RAM for the read
or write cycle without the need for external components.
The device contains a 128-byte page register to allow writ-
ing of up to 128-bytes simultaneously. During a write cycle,
the address and 1 to 128-bytes of data are internally
latched, freeing the address and data bus for other opera-
tions. Following the initiation of a write cycle, the device will
automatically write the latched data using an inter nal con-
trol timer. The end of a write cycle can be detected by
DATA POLLING of I/O7. Once the end of a write cycle has
been detected a new access for a read or write can begin.
Force's 28C010 has additional features to ensure high
quality and manufacturability. The device utilises internal
error correction for extended endurance and improved data
retention characteristics. An optional software data protec-
tion mechanism is available to guard against inadvertent
writes. The device also includes an extra 128-bytes of
EEPROM for device identification or tracking.
Block Diagram
Absolute Maximum Ratings*
Temperature Under Bias................................ -55°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Storage Temperature ..................................... -65°C to +150°C
All Input Voltages
(including NC Pins)
with Respect to Ground ...................................-0.6V to +6.25V
All Output Voltages
with Respect to Ground .............................-0.6V to VCC + 0.6V
Voltage on OE and A9
with Respect to Ground ...................................-0.6V to +13.5V
FT28C010-xxxxx-AT
Pin Configuration
Pin Name
Function
A0 - A16
Addresses
CE
Chip Enable
OE
Output Enable
WE
Write Enable
I/O0 - I/O7
Data Inputs/Outputs
NC
No Connect
Rev 1.1
17/30
2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com