Electronic Components Datasheet Search
  English  ▼

X  

FT28C010 Datasheet(PDF) 14 Page - Force Technologies Ltd

Part # FT28C010
Description  128K x 8 Bit 5V EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT28C010 Datasheet(HTML) 14 Page - Force Technologies Ltd

Back Button FT28C010 Datasheet HTML 10Page - Force Technologies Ltd FT28C010 Datasheet HTML 11Page - Force Technologies Ltd FT28C010 Datasheet HTML 12Page - Force Technologies Ltd FT28C010 Datasheet HTML 13Page - Force Technologies Ltd FT28C010 Datasheet HTML 14Page - Force Technologies Ltd FT28C010 Datasheet HTML 15Page - Force Technologies Ltd FT28C010 Datasheet HTML 16Page - Force Technologies Ltd FT28C010 Datasheet HTML 17Page - Force Technologies Ltd FT28C010 Datasheet HTML 18Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Write Cycle Limits
Symbol
Parameter
Min.
Max.
Units
tWC(4)
Write Cycle Time
10
ms
tAS
Address Setup Time
0
ns
tAH
Address Hold Time
50
ns
tCS
Write Setup Time
0
ns
tCH
Write Hold Time
0
ns
tCW
CE
Pulse Width
100
ns
tOES
OE
HIGH Setup Time
10
ns
tOEH
OE
HIGH Hold Time
10
ns
tWP
WE
Pulse Width
100
ns
tWPH
WE
HIGH Recovery
100
ns
tDV
Data Valid
1
µs
tDS
Data Setup
50
ns
tDH
Data Hold
0
ns
tDW
Delay to Next Write
10
µs
tBLC
Byte Load Cycle
0.2
100
µs
WE
Controlled Write Cycle
Notes: (4) tWC is the minimum cycle time to be allowed from the system perspective unless polling techniques are used. It is the maximum
time the device requires to complete internal write operation.
3858 FHD F06
ADDRESS
tAS
tWC
tAH
tOES
tDV
tDS
tDH
tOEH
CE
WE
OE
DATA IN
DATA OUT
HIGH Z
DATA VALID
tCS
tCH
tWP
tWPH
FT28C010-xxxxx-X
Rev 1.1
14/30
2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com