Electronic Components Datasheet Search
  English  ▼

X  

FT28C010 Datasheet(PDF) 27 Page - Force Technologies Ltd

Part # FT28C010
Description  128K x 8 Bit 5V EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT28C010 Datasheet(HTML) 27 Page - Force Technologies Ltd

Back Button FT28C010 Datasheet HTML 22Page - Force Technologies Ltd FT28C010 Datasheet HTML 23Page - Force Technologies Ltd FT28C010 Datasheet HTML 24Page - Force Technologies Ltd FT28C010 Datasheet HTML 25Page - Force Technologies Ltd FT28C010 Datasheet HTML 26Page - Force Technologies Ltd FT28C010 Datasheet HTML 27Page - Force Technologies Ltd FT28C010 Datasheet HTML 28Page - Force Technologies Ltd FT28C010 Datasheet HTML 29Page - Force Technologies Ltd FT28C010 Datasheet HTML 30Page - Force Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
Packaging Information
U 30-Pin, Ceramic Pin Grid Array (PGA)
Dimensions in Inches and (Millimeters)
FT28C010
15
17
19
21
22
14
16
18
20
23
10
9
27
28
8
7
29
30
5
2
36
34
32
4
3
1
35
33
TYP. 0.100 (2.54)
ALL LEADS
PIN 1 INDEX
0.050 (1.27)
0.008 (0.20)
NOTE: LEADS 5, 14, 23, & 32
12
11
25
26
13
6
31
24
A
A
TYP. 0.180 (.010)
(4.57 ± .25)
4 CORNERS
0.770 (19.56)
0.750 (19.05)
SQ
A
A
0.185 (4.70)
0.175 (4.45)
0.020 (0.51)
0.016 (0.41)
0.072 (1.83)
0.062 (1.57)
0.120 (3.05)
0.100 (2.54)
TYP. 0.180 (.010)
(4.57 ± .25)
4 CORNERS
NOTE: ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
36-Lead Ceramic Pin Grid Array Package Typ
G
Rev 1.1
27/30
2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com