Electronic Components Datasheet Search
  English  ▼

X  

FT28C010 Datasheet(PDF) 29 Page - Force Technologies Ltd

Part # FT28C010
Description  128K x 8 Bit 5V EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT28C010 Datasheet(HTML) 29 Page - Force Technologies Ltd

Back Button FT28C010 Datasheet HTML 22Page - Force Technologies Ltd FT28C010 Datasheet HTML 23Page - Force Technologies Ltd FT28C010 Datasheet HTML 24Page - Force Technologies Ltd FT28C010 Datasheet HTML 25Page - Force Technologies Ltd FT28C010 Datasheet HTML 26Page - Force Technologies Ltd FT28C010 Datasheet HTML 27Page - Force Technologies Ltd FT28C010 Datasheet HTML 28Page - Force Technologies Ltd FT28C010 Datasheet HTML 29Page - Force Technologies Ltd FT28C010 Datasheet HTML 30Page - Force Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
Monolithic Devices-Product Flow Matrix
The device shall be screened as specified in the table below. NON-COMPLIANT but in accordance with Mil-Std-883.
Manufactured batches shall have Lots tests carried out in accordance with Mil-Std-883 (Mil-M-38510)
All manufacturing is carried out at DSCC approved facilities.
Screening
Method
/C
/I
/B
(5004)
/B05
(5005)
QA test condition
UpScreen
only
Visual Inspection Kit
Incoming and
Outgoing
Inspection
Procedures
100%
100%
100%
100%
100%
Temperature Cycling
100%
100%
1010, test condition C
-
Centrifuge
100%
2001E
-
Constant acceleration
100%
100%
2001, test condition E
(min)Y1 orientation
-
Seal
a. Fine
b. Gross
100%
100%
100%
1014
Cond A or B
Cond C
-
Visual inspection
100%
100%
FT WIP documentation
100%
Interim (pre-BI)Electrical
In accordance with
applicable device
specification. or as
defined in QM
p4.1.1
100%
100%
100%
Burn-in test
Dynamic
100%
100%
1015, 160 hours at 125°C
minimum
-
Percentage defective
allowable (PDA) calculation
Review
5%
QCI
-
Final GrpA Electrical Tests
A)Static Tests: 25oC
(subgrp.1) Max.& Min.
subgrp 2,3)
B) Dynamic (Linear devices)
25oC (subgrp.4) Max.& Min.
subgrp 5,6)
C)Functional 25oC
(subgrp.7) Max.& Min.
subgrp 8)
D) Switching (Digital
devices) 25oC (subgrp.9)
Max.& Min. subgrp 10,11)
In accordance with
applicable device
specification. or as
defined in QM
p4.1.1
100%
100%
-40oC
+85oC
100%
-55oC
+125oC
100%
-55oC
+125oC
5005 p2
100%
Tmin
Tmax
External Visual
100%
100%
100%
2009
100%
Group B
-
100%
2015/2003/2011
-
Group C
-
100%
1005
-
Group D
-
100%
2016/2004/1014/1011/
1010/1004/2002/2007/
2001/1009/1018/2025/2024
-
Marking & Inspect
As FT WIP
documentation
100%
100%
100%
100%
Data Preparation
As FT QA
documentation
100%
100%
100%
100%
Dry Bake store/ship
As FT WIP
documentation
100%
100%
100%
JEDEC
100%
Note.
Suffix code
/C
=
Parts are assembled and tested to Commercial temperature 0oC to +70oC
/I
=
Parts are assembled and tested to Extended temperature -40oC to +85oC
/B
=
Parts are Based on METHOD 5004 screening procedures and Mil-Std-883F Test methods.
/B5
=
Parts are Based on Control Procedures for :
GroupA (Electrical)
GroupB (Enviromental)
GroupC (Die related)
GroupD (Package related) Tests.
It is based on METHOD 5005 Conformance procedures and Mil-Std-883F Test methods
Rev 1.1
29/30
2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com