Electronic Components Datasheet Search
  English  ▼

X  

FT28C010 Datasheet(PDF) 12 Page - Force Technologies Ltd

Part # FT28C010
Description  128K x 8 Bit 5V EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT28C010 Datasheet(HTML) 12 Page - Force Technologies Ltd

Back Button FT28C010 Datasheet HTML 8Page - Force Technologies Ltd FT28C010 Datasheet HTML 9Page - Force Technologies Ltd FT28C010 Datasheet HTML 10Page - Force Technologies Ltd FT28C010 Datasheet HTML 11Page - Force Technologies Ltd FT28C010 Datasheet HTML 12Page - Force Technologies Ltd FT28C010 Datasheet HTML 13Page - Force Technologies Ltd FT28C010 Datasheet HTML 14Page - Force Technologies Ltd FT28C010 Datasheet HTML 15Page - Force Technologies Ltd FT28C010 Datasheet HTML 16Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
ENDURANCE AND DATA RETENTION
Parameter
Min.
Max.
Units
Endurance
10,000
Cycles Per Byte
Endurance
100,000
Cycles Per Page
Data Retention
100
Years
POWER-UP TIMING
Symbol
Parameter
Max.
Units
tPUR(2)
Power-up to Read Operation
100
µs
tPUW(2)
Power-up to Write Operation
5
ms
CAPACITANCE TA = +25° C, f = 1MHz, VCC = 5V
Symbol
Parameter
Max.
Units
Test Conditions
CI/O(2)
Input/Output Capacitance
10
pF
VI/O = 0V
CIN(2)
Input Capacitance
10
pF
VIN = 0V
A.C. CONDITIONS OF TEST
Input Pulse Levels
0V to 3V
Input Rise and
Fall Times
10ns
Input and Output
Timing Levels
1.5V
MODE SELECTION
CE
OE
WE
Mode
I/O
Power
L
L
H
Read
DOUT
Active
L
H
L
Write
DIN
Active
H
X
X
Standby and
High Z
Standby
Write Inhibit
X
L
X
Write Inhibit
—
—
X
X
H
Write Inhibit
—
—
EQUIVALENT A.C. LOAD CIRCUIT
Note: (2) This parameter is periodically sampled and not 100%
tested.
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from LOW
to HIGH
Will change
from LOW
to HIGH
May change
from HIGH
to LOW
Will change
from HIGH
to LOW
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance
SYMBOL TABLE
5V
1.92KΩ
100pF
OUTPUT
1.37KΩ
FT28C010-xxxxx-X
Rev 1.1
12/30
2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com