Electronic Components Datasheet Search
  English  ▼

X  

FT28C010 Datasheet(PDF) 25 Page - Force Technologies Ltd

Part # FT28C010
Description  128K x 8 Bit 5V EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT28C010 Datasheet(HTML) 25 Page - Force Technologies Ltd

Back Button FT28C010 Datasheet HTML 21Page - Force Technologies Ltd FT28C010 Datasheet HTML 22Page - Force Technologies Ltd FT28C010 Datasheet HTML 23Page - Force Technologies Ltd FT28C010 Datasheet HTML 24Page - Force Technologies Ltd FT28C010 Datasheet HTML 25Page - Force Technologies Ltd FT28C010 Datasheet HTML 26Page - Force Technologies Ltd FT28C010 Datasheet HTML 27Page - Force Technologies Ltd FT28C010 Datasheet HTML 28Page - Force Technologies Ltd FT28C010 Datasheet HTML 29Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
Notes: 1. These parameters are characterised and not 100% tested.
2. See AC Read Characteristics.
Data Polling Waveforms
Notes: 1. These parameters are characterised and not 100% tested.
2. See AC Read Characteristics.
Toggle Bit Waveforms(1)(2)(3)
Notes: 1. Toggling either OE or CE or both OE and CE will operate toggle bit.
2. Beginning and ending state of I/O6 will vary.
3. Any addres location may be used but the address should not vary.
Data Polling Characterstics (Commercial/Industrial/Military)(1)
Symbol
Parameter
Min
Typ
Max
Units
tDH
Data Hold Time
10
ns
tOEH
OE Hold Time
10
ns
tOE
OE to Output Delay (2)
ns
tWR
Write Recovery Time
0
ns
Toggle Bit Characteristics (Commercial/Industrial/Military)(1)
Symbol
Parameter
Min
Typ
Max
Units
tDH
Data Hold Time
10
ns
tOEH
OE Hold Time
10
ns
tOE
OE to Output Delay (2)
ns
tOEHP
OE High Pulse
150
ns
tWR
Write Recovery Time
0
ns
FT28C010-xxxxx-AT
Rev 1.1
25/30
2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com