Electronic Components Datasheet Search
  English  ▼

X  

FT28C010 Datasheet(PDF) 22 Page - Force Technologies Ltd

Part # FT28C010
Description  128K x 8 Bit 5V EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT28C010 Datasheet(HTML) 22 Page - Force Technologies Ltd

Back Button FT28C010 Datasheet HTML 18Page - Force Technologies Ltd FT28C010 Datasheet HTML 19Page - Force Technologies Ltd FT28C010 Datasheet HTML 20Page - Force Technologies Ltd FT28C010 Datasheet HTML 21Page - Force Technologies Ltd FT28C010 Datasheet HTML 22Page - Force Technologies Ltd FT28C010 Datasheet HTML 23Page - Force Technologies Ltd FT28C010 Datasheet HTML 24Page - Force Technologies Ltd FT28C010 Datasheet HTML 25Page - Force Technologies Ltd FT28C010 Datasheet HTML 26Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
AC Write Waveforms
WE Controlled
CE Controlled
AC Write Characteristics (Commercial/Industrial/Military)
Symbol
Parameter
Min
Max
Units
tWC
Write Cycle Time
10
ms
tAS
Address Set-up Time
0
ns
tAH
Address Hold Time
50
ns
tDS
Data Set-up Time
50
ns
tDH
Data Hold Time
0
ns
tWP
Write Pulse Width
100
ns
tBLC
Byte Load Cycle Time
150
µs
tWPH
Write Pulse Width High
50
ns
FT28C010-xxxxx-AT
Rev 1.1
22/30
2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com