Electronic Components Datasheet Search
  English  ▼

X  

ATSAM9753 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATSAM9753
Description  Integrated Digital Music Instrument
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM9753 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATSAM9753 Datasheet HTML 3Page - ATMEL Corporation ATSAM9753 Datasheet HTML 4Page - ATMEL Corporation ATSAM9753 Datasheet HTML 5Page - ATMEL Corporation ATSAM9753 Datasheet HTML 6Page - ATMEL Corporation ATSAM9753 Datasheet HTML 7Page - ATMEL Corporation ATSAM9753 Datasheet HTML 8Page - ATMEL Corporation ATSAM9753 Datasheet HTML 9Page - ATMEL Corporation ATSAM9753 Datasheet HTML 10Page - ATMEL Corporation ATSAM9753 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7
ATSAM9753
1774D–DRMSD–11/02
Absolute Maximum
Ratings
Recommended
Operating Conditions
DC Characteristics
Notes:
1. I
OL: Low-level output current.
2. I
OH: High-level output current.
Table 3. Absolute Maximum Ratings (All Voltages with Respect to 0V, GND = 0V)
Ambient Temperature (Power Applied)...............-40°C to + 85°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
condtions for extended periods may affect device
reliability.
Storage Temperature.........................................-65°C to + 150°C
Voltage on any pin (except X1)......................-0.5V to V
CC + 0.5V
Voltage on X1 pin ..........................................-0.5V to V
C3 + 0.5V
V
CC Supply Voltage...............................................-0.5V to + 6.5V
V
C3 Core Supply Voltage.......................................-0.5V t0 +4.5V
AV
C3 Supply Voltage..............................................-0.5V t0 +4.5V
Maximum I
OL per I/O pin.....................................................10mA
Table 4. Recommended Operating Conditions
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply voltage (I/O)
3
3.3/5.0
5.5
V
V
C3
Supply voltage (Core)
3
3.3
3.6
V
AV
C3
Supply voltage (Analog)
3
3.3
3.6
V
tA
Operating ambient temperature
0
70
°C
Table 5. DC Characteristics (T
A = 25°C, VCC = 5V ± 10%, VC3 = 3.3V ± 10%)
Symbol
Parameter
VCC
Min
Typ
Max
Unit
V
IL
Low-level input voltage
3.3
5.0
-0.5
-0.5
1.0
1.7
V
V
IH
High-level input voltage
3.3
5.0
2.3
3.3
3V
CC + 0.5
VCC + 0.5
V
V
OL
Low-level output voltage at I
OL = 3.2 mA
(1)
3.3
5.0
0.45
0.45
V
V
OH
High-level output voltage at I
OH = -0.8 mA
(2)
3.3
5.0
2.8
4.5
V
I
CC Core
I
CC I/O
Power supply current
(Crystal frequency = 11.2896 MHz)
3.3
5.0
60
20
80
30
mA
Power down supply current
1
2
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com