Electronic Components Datasheet Search
  English  ▼

X  

ATSAM9753 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # ATSAM9753
Description  Integrated Digital Music Instrument
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM9753 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button ATSAM9753 Datasheet HTML 14Page - ATMEL Corporation ATSAM9753 Datasheet HTML 15Page - ATMEL Corporation ATSAM9753 Datasheet HTML 16Page - ATMEL Corporation ATSAM9753 Datasheet HTML 17Page - ATMEL Corporation ATSAM9753 Datasheet HTML 18Page - ATMEL Corporation ATSAM9753 Datasheet HTML 19Page - ATMEL Corporation ATSAM9753 Datasheet HTML 20Page - ATMEL Corporation ATSAM9753 Datasheet HTML 21Page - ATMEL Corporation ATSAM9753 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
18
ATSAM9753
1774D–DRMSD–11/02
D[6:0] specifies which keyboard key is requesting the service, valid only if KRQ flag = 1.
Key number ranges from 0 to 87.
RAM Address
(I/O address OCH write-only)
D[6:0] RAM address css
D[7] don't care
“i” refers to the MKi or BRi signal number that ranges from 0 to 10. For example, the
information regarding the key at ROW3, column MK5/BR5, is found at RAM address
8*5+3 = 43.
The scanning hardware cycles the ROW[2:0] signals from 0 to 7 to the output pins in 45
µs (5.7 µs per row). If the alternate function ROW3 is not used, then the switch status
and ADC value information are aliased (data from 68H to 6FH = data from 60H to 6FH,
data from 78H to 7FH = data from 70H to 77H).
Table 14. RAM Address
Address
Index
Content
00H to 57H
8 x i + ROW[2:0]
Key velocity and status
58H to 5FH
ROW[2:0]
LED data
60H to 6FH
ROW[3:0]
Switch status
70H to 7FH
ROW[3:0]
ADC value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com