Electronic Components Datasheet Search
  English  ▼

X  

ATSAM9753 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATSAM9753
Description  Integrated Digital Music Instrument
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM9753 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATSAM9753 Datasheet HTML 5Page - ATMEL Corporation ATSAM9753 Datasheet HTML 6Page - ATMEL Corporation ATSAM9753 Datasheet HTML 7Page - ATMEL Corporation ATSAM9753 Datasheet HTML 8Page - ATMEL Corporation ATSAM9753 Datasheet HTML 9Page - ATMEL Corporation ATSAM9753 Datasheet HTML 10Page - ATMEL Corporation ATSAM9753 Datasheet HTML 11Page - ATMEL Corporation ATSAM9753 Datasheet HTML 12Page - ATMEL Corporation ATSAM9753 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9
ATSAM9753
1774D–DRMSD–11/02
Architectural
Overview
The highly integrated architecture from ATSAM9753 combines a specialized high-per-
formance RISC-based digital signal processor (DSP) and a general-purpose 16-bit
CISC-based control processor (P16). An on-chip memory management unit (MMU)
allows the DSP and the control processor to share an internal 32K x 16 RAM as well as
external ROM and/or RAM memory devices. An intelligent peripheral I/O interface func-
tion handles other I/O interfaces, such as the on-chip MIDI UART and three timers, with
minimum intervention from the control processor. A keyboard/switches/sliders/LEDs
autonomous scanning interface handles the specific musical instrument peripherals,
including accurate keyboard velocity detection and communicates with the control pro-
cessor through a dedicated 128 x 16 dual-port RAM. An LCD display interface allows
direct connection to common LCD displays.
DSP Engine
The DSP engine operates on a frame-timing basis with the frame subdivided into 64
process slots. Each process is itself divided into 16 micro-instructions known as algo-
rithms. Up to 32 DSP algorithms can be stored on-chip in the Alg RAM memory,
allowing the device to be programmed for a number of audio signal generation/process-
ing applications.
The DSP engine is capable of generating 64 simultaneous voices using algorithms such
as wavetable synthesis with interpolation, alternate loop and 24 dB resonant filtering for
each voice. Slots may be linked together (ML RAM) to allow implementation of more
complex synthesis algorithms.
A typical musical instrument application will use a little more than half the capacity of the
DSP engine for synthesis, thus providing state-of-the-art 38-voice synthesis polyphony.
The remaining processing power may be used for typical functions such as reverbera-
tion, chorus, surround effect, equalizer, etc.
Frequently-accessed DSP parameter data are stored into five banks of on-chip RAM
memory. Sample data or delay lines that are accessed relatively infrequently are stored
in external ROM, or in the built-in 32K x 16 RAM. The combination of localized micro-
program memory and localized parameter data allows micro-instructions to execute in
22 ns (45 MIPS). Separate buses from each of the on-chip parameter RAM memory
banks allow highly parallel data movement to increase the effectiveness of each micro-
instruction. With this architecture, a single micro-instruction can accomplish up to six
simultaneous operations (add, multiply, load, store, etc.), providing a potential through-
put of 270 million operations per second (MOPS).
P16 Control Processor
and I/O Functions
The P16 control processor is a general-purpose 16-bit CISC processor core, which runs
from external memory. A debug ROM is included on-chip for easy development of firm-
ware directly on the target system. This ROM also contains the necessary code to
directly program externally connected Flash memory. The P16 includes 256 words of
local RAM data memory for use as registers, scratchpad data and stack.
The P16 control processor writes to the parameter RAM blocks within the DSP core in
order to control the synthesis process. In a typical application, the P16 control processor
parses and interprets incoming commands from the MIDI UART or from the scanning
interface and then controls the DSP by writing into the parameter RAM banks in the
DSP core. Slowly changing synthesis functions, such as LFOs, are implemented in the
P16 control processor by periodically updating the DSP parameter RAM variables.
The P16 control processor interfaces with other peripheral devices, such as the system
control and status registers, the on-chip MIDI UART, the on-chip timers and the scan-
ning interface through specialized “intelligent” peripheral I/O logic. This I/O logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com