Electronic Components Datasheet Search
  English  ▼

X  

ATSAM9753 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATSAM9753
Description  Integrated Digital Music Instrument
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM9753 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATSAM9753 Datasheet HTML 2Page - ATMEL Corporation ATSAM9753 Datasheet HTML 3Page - ATMEL Corporation ATSAM9753 Datasheet HTML 4Page - ATMEL Corporation ATSAM9753 Datasheet HTML 5Page - ATMEL Corporation ATSAM9753 Datasheet HTML 6Page - ATMEL Corporation ATSAM9753 Datasheet HTML 7Page - ATMEL Corporation ATSAM9753 Datasheet HTML 8Page - ATMEL Corporation ATSAM9753 Datasheet HTML 9Page - ATMEL Corporation ATSAM9753 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6
ATSAM9753
1774D–DRMSD–11/02
Table 2. Pinout by Pin Number
Pin Number
Pin Name
Pin Number
Pin Name
Pin Number
Pin Name
Pin Number
Pin Name
1
BR8
37
WD1
73
WA3
109
GPIO1
2
BR9
38
WD0
74
WA2
110
GND
3BR10
39
RD
75
WA1
111
VCC
4GND
40
WR
76
WA0
112
GPIO2
5
VCC
41
VCC
77
GND
113
GPIO3
6
DB7
42
GND
78
VCC
114
GPIO4
7DB6
43
CS1
79
TEST0
115
ROW0
8DB5
44
CS0
80
TEST1
116
ROW1
9
DB4
45
XIO1
81
TEST2
117
ROW2
10
DB3
46
XIO0
82
TEST3
118
RUN
11
DB2
47
WA23
83
RESET
119
KBDIO
12
DB1
48WA22
84PDWN
120
MK10
13
DB0
49WA21
85DEBUG
121
MK9
14
ENB
50
WA20
86
CLBD
122
MK8
15
RW
51
VCC
87
WSBD
123
MK7
16
RS
52
GND
88
DAAD
124
MK6
17
GND
53
WA19
89
DABD0
125
GND
18
VCC
54
WA18
90
GND
126
VCC
19
WD15
55
VC3
91
VCC
127
MK5
20
WD14
56
GND
92
DABD1
128
MK4
21
WD13
57
WA17
93
DACLK
129
VC3
22
WD12
58
WA16
94
MIDI_IN
130
GND
23
VC3
59
WA15
95
MIDI_OUT
131
MK3
24
GND
60WA14
96VC3
132
MK2
25
WD11
61
WA13
97
GND
133
MK1
26
WD10
62
WA12
98
X1
134
MK0
27
WD9
63WA11
99X2
135
BR0
28
WD8
64
WA10
100
LFT
136
BR1
29
WD7
65
GND
101
VC3
137
BR2
30
WD6
66
VCC
102
GND
138
BR3
31
VCC
67
WA9
103
AGND
139
VCC
32
GND
68
WA8
104
VIN
140
GND
33
WD5
69
WA7
105
VREFN
141
BR4
34
WD4
70
WA6
106
VREFP
142
BR5
35
WD3
71
WA5
107
AVC3
143
BR6
36
WD2
72
WA4
108
GPIO0
144
BR7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com