Electronic Components Datasheet Search
  English  ▼

X  

ATSAM9753 Datasheet(PDF) 16 Page - ATMEL Corporation

Part # ATSAM9753
Description  Integrated Digital Music Instrument
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM9753 Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button ATSAM9753 Datasheet HTML 12Page - ATMEL Corporation ATSAM9753 Datasheet HTML 13Page - ATMEL Corporation ATSAM9753 Datasheet HTML 14Page - ATMEL Corporation ATSAM9753 Datasheet HTML 15Page - ATMEL Corporation ATSAM9753 Datasheet HTML 16Page - ATMEL Corporation ATSAM9753 Datasheet HTML 17Page - ATMEL Corporation ATSAM9753 Datasheet HTML 18Page - ATMEL Corporation ATSAM9753 Datasheet HTML 19Page - ATMEL Corporation ATSAM9753 Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
16
ATSAM9753
1774D–DRMSD–11/02
ATSAM9753
Operation
The reader is assumed to be familiar with the functioning of the ATSAM97xx series.
Refer to the ATSAM9707 product development kit “prgdvkit.pdf” document. This docu-
ment can be obtained under special conditions from Atmel.
This section describes operation and registers specific to ATSAM9753.
Memory Mapping
I/O Mapping
The I/O Mapping Table refers to the ATSAM9707 product development kit “prgdvkit.pdf”
available from Atmel.
LCD Interface
The ATSAM9753 can be directly connected to most LCD displays.
The ATSAM9753 provides an 8-bit data bus (DB[7:0]) and three output control pins RS,
RW and ENB.
All the LCD pins are controlled by I/O access ADD OAH. The I/O reads only the 8-bit
data bus. The I/O writes into the 11-bit LCD_Reg. Refer to Table 11 and Table 12.
Table 9. Memory Mapping
Size
(in words)
Address Low
Address High
Access
256
000:0000
000:00FF
ATSAM97xx standard routine ROM
768
000:0100
000:03FF
Built in debug ROM
32M - 1K
000:0400
1FF:FFFF
External ROM/Flash (CS0)
32K
200:0000
200:7FFF
Built in SRAM
4K
200:8000
200:8FFF
External memory page XIO0 (XIO0)
4K
200:9000
200:9FFF
External memory page XIO1 (XIO1)
216K
200:A000
203:FFFF
Not used
32M - 256K
204:0000
2FF:FFFF
External SRAM (CS1)
Table 10. I/O Mapping
Write
Read
Access
00 - 09
00 - 09
Standard ATSAM97xx I/O (Refer to
prgdvkit.pdf)
0A
0A
LCD port
0B
X
Keyboard configuration
0C - 0E
0C - 0E
Scanning port ADD0 - 2
0F
0F
GPIO control/status
Table 11. LCD Interface
LCD_Reg[7:0]
DB[7:0]
LCD_Reg[8]
RS
LCD_Reg[9]
RW
LCD_Reg[10]
ENB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com