Electronic Components Datasheet Search
  English  ▼

X  

ATSAM9753 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATSAM9753
Description  Integrated Digital Music Instrument
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM9753 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATSAM9753 Datasheet HTML 1Page - ATMEL Corporation ATSAM9753 Datasheet HTML 2Page - ATMEL Corporation ATSAM9753 Datasheet HTML 3Page - ATMEL Corporation ATSAM9753 Datasheet HTML 4Page - ATMEL Corporation ATSAM9753 Datasheet HTML 5Page - ATMEL Corporation ATSAM9753 Datasheet HTML 6Page - ATMEL Corporation ATSAM9753 Datasheet HTML 7Page - ATMEL Corporation ATSAM9753 Datasheet HTML 8Page - ATMEL Corporation ATSAM9753 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
ATSAM9753
1774D–DRMSD–11/02
BR[10:0]
1 - 3, 135 - 138, 141 - 144
IN
Keyboard contact 1/switch status. When KBDIO = 1 then BR[10:0] holds the
keyboard key-off or first contact status. This can be configured as normally
closed (spring type), normally open (rubber type), common anode or
common cathode contact diodes. When KBDIO = 0 then BR[10:0] holds the
switch status from ROW[2:0] or ROW[3:0].
MK[10:0]
120 - 124,127, 128,
131 - 134
I/O
Keyboard contact 2/LED data. When KBDIO =1 then MK[10:0] holds the
keyboard key-on or second contact status. This can be configured as
common anode or common cathode contact diodes.When KBDIO = 1 then
MK[10:0] holds the led data from ROW[2:0].
VREFP
106
ANA
Positive reference voltage. Should normally be connected to a clean AV
C3
supply.
VREFN
105
ANA
Negative reference voltage. Should normally be connected to a clean AGND.
VIN
104
ANA
Slider analog input. Ranges from VREFN to VREFP. Should hold the
ROW[2:0] or ROW[3:0] slider voltage. Multiple sliders should be connected
through external analog multiplexer(s) like 4051.
LCD Display Interface
(2)
RS
16
OUT
Select instruction (LOW) or data (HIGH).
RW
15
OUT
Select write (LOW) or read (HIGH).
ENB
14
OUT
Enable, active high.
DB[7:0]
6 - 13
I/O
Bi-directional data bus.
Digital Audio Group
(3)
DACLK
93
OUT
Master clock for sigma-delta DAC (256 x Fs).
DABD[1:0]
89, 92
OUT
Serial data for two stereo output channels.
DAAD
88
IN
Serial data for one stereo input channel.
CLBD
86
OUT
Digital audio bit clock.
WSBD
87
OUT
Digital audio left/right select.
Miscellaneous Pins
GPIO[4:0]
108, 109, 112 - 114
I/O
These pins can be used individually as general-purpose I/Os or as alternate
functions. When used as general-purpose I/Os, they can be individually
configured as inputs or outputs. When used as alternate functions their
meaning changes as follows:
GPIO0 = ROW3 expands switches to 176, sliders to 16
GPIO2 = DBCLK (input)
GPIO3 = DBACK (output)
GPIO4 = DBDATA (I/O) (DBDATA input = DBIN, DBDATA output = DBOUT)
DBCLK, DBACK, DBDATA are used for debugging or external Flash memory
programming when DEBUG is low
DEBUG
85
IN
Configuration pin, low for CodeView debugging/external Flash memory
programming. Should be tied to V
CC for normal operation.
RESET
83
IN
Reset input, active low. This is a Schmitt trigger input, allowing direct
connection of a RC network.
RUN
118
OUT
Indicates that the DSP is up and running. Can be used as external DAC
reset.
Table 1. Pin Description by Function (Continued)
Pin Name
Pin Number
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com