Electronic Components Datasheet Search
  English  ▼

X  

ATSAM9753 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # ATSAM9753
Description  Integrated Digital Music Instrument
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM9753 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button ATSAM9753 Datasheet HTML 8Page - ATMEL Corporation ATSAM9753 Datasheet HTML 9Page - ATMEL Corporation ATSAM9753 Datasheet HTML 10Page - ATMEL Corporation ATSAM9753 Datasheet HTML 11Page - ATMEL Corporation ATSAM9753 Datasheet HTML 12Page - ATMEL Corporation ATSAM9753 Datasheet HTML 13Page - ATMEL Corporation ATSAM9753 Datasheet HTML 14Page - ATMEL Corporation ATSAM9753 Datasheet HTML 15Page - ATMEL Corporation ATSAM9753 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
12
ATSAM9753
1774D–DRMSD–11/02
External Memory
(16 bits)
Figure 4. External ROM, RAM, I/O Timing Diagram
WD[15:0]
WA[23:0]
CS0
CS1
RD
WR
tCSDV
tRWHCSH
tRW
tRWDV
tRWDX
tAVDV
tRWHADX
Table 7. External ROM, RAM, I/O Timing Parameters
Symbol
Parameter
Min
Typ
Max
Unit
t
CSDV
Access time from CSx low
106
ns
tRWDV
Access time from RD, WR low
61
ns
t
AVDV
Access time from address valid
106
ns
t
RW
RD, WR pulse width
89
ns
tRWHCSH
CSx high from rising RD or WR
10
ns
t
RWHADX
Address valid after rising RD or WR
10
ns
t
RWDX
Data hold time from rising RD or WR
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com