Electronic Components Datasheet Search
  English  ▼

X  

ATSAM9753 Datasheet(PDF) 20 Page - ATMEL Corporation

Part # ATSAM9753
Description  Integrated Digital Music Instrument
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM9753 Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button ATSAM9753 Datasheet HTML 15Page - ATMEL Corporation ATSAM9753 Datasheet HTML 16Page - ATMEL Corporation ATSAM9753 Datasheet HTML 17Page - ATMEL Corporation ATSAM9753 Datasheet HTML 18Page - ATMEL Corporation ATSAM9753 Datasheet HTML 19Page - ATMEL Corporation ATSAM9753 Datasheet HTML 20Page - ATMEL Corporation ATSAM9753 Datasheet HTML 21Page - ATMEL Corporation ATSAM9753 Datasheet HTML 22Page - ATMEL Corporation ATSAM9753 Datasheet HTML 23Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
20
ATSAM9753
1774D–DRMSD–11/02
GPIO
The pins GPIO[3:0] in normal mode are controlled by the ATSAM97xx configuration and
control/status registers (refer to prgdvkit.pdf).
The ATSAM9753 additional GPIO control/status register controls GPIO[3:0] alternate
mode and GPIO4 normal and alternate mode.
The GPIO register is located at address 0xF in the I/O mapping.
Note:
1. Only available in Debug Mode.
Note:
1. In alternate output mode, GPIO0 = ROW3.
Refer to description of pins ROW[2:0] in Table 1 on page 3.
Note:
1. In alternate output mode, GPIO2 is configured as input and assumed as DBCLK
(ATSAM9753_GPIO[0]).
Table 16. GPIO Mapping
7X
x
6
GPIO4 Output Enable
x
5
GPIO1 Alt
x
4
GPIO0 Alt
x
3
GPIO4 Data
Debug/ pin
2
GPIO4 Alt data (DBOUT)
(1)
GPIO4 pin (DBDATA)
(1)
1
GPIO3 Alt data (DBACK)
(1)
GPIO Reg[1] (DBACK)
(1)
0
GPIO4 Output Enable
(1)
GPIO4 Input Enable
(1)
Table 17. GPIO0
Normal
Input Mode
Normal
Output Mode
Alt Output
Mode
(1)
ATSAM97xx_config_Reg[0] (I/O add0)
0
1
1
ATSAM9753_GPIO_Reg[4] (I/O addF)
x
0
1
Table 18. GPIO1
Normal
Input Mode
Normal
Output Mode
Alt Output
Mode
(1)
ATSAM97xx_config_Reg[1]
0
1
1
ATSAM9753_GPIO_Reg[5]
x
0
1
Table 19. GPIO2
Normal
Input Mode
Normal
Output Mode
Alt Output
Mode
(1)
ATSAM97xx_config_Reg[2]
0
1
x
DEBUG Pin
110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com