Electronic Components Datasheet Search
  English  ▼

X  

ATSAM9753 Datasheet(PDF) 19 Page - ATMEL Corporation

Part # ATSAM9753
Description  Integrated Digital Music Instrument
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM9753 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button ATSAM9753 Datasheet HTML 15Page - ATMEL Corporation ATSAM9753 Datasheet HTML 16Page - ATMEL Corporation ATSAM9753 Datasheet HTML 17Page - ATMEL Corporation ATSAM9753 Datasheet HTML 18Page - ATMEL Corporation ATSAM9753 Datasheet HTML 19Page - ATMEL Corporation ATSAM9753 Datasheet HTML 20Page - ATMEL Corporation ATSAM9753 Datasheet HTML 21Page - ATMEL Corporation ATSAM9753 Datasheet HTML 22Page - ATMEL Corporation ATSAM9753 Datasheet HTML 23Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
19
ATSAM9753
1774D–DRMSD–11/02
RAM Data
DataL[7:0]
I/O address ODH, Data[7:0]
DataH[2:0]
I/O address OEH, Data[10:8]
DataH[7:3]
don't care
•
Key Velocity and Status:
–
SRQ: If 1, indicates that the velocity detection is complete and that this key
requests attention from the P16. In this case BUSY = 0, ON and TIME hold
valid information.
–
ON: 1 indicates key-on, 0 indicates key-off. Valid only if SRQ = 1.
–
BUSY: Used internally by the scanning hardware, indicates “velocity
detection in progress”.
–
TIME: From 0 to 255, valid only if SRQ = 1, indicates the time between
contacts in multiples of 45 µs. Set to 255 if the time is greater or equal to
256*45 µs.
•
LED Data: The P16 should write to these locations the MK information which should
appear to the MK[10:0] pins at ROW[2:0] time.
•
Switch Data: These fields hold the BR information read from the BR[10:0] pins at
ROW[3:0] time.
•
ADC Status: These fields represent the analog voltage at VIN pin at ROW[3:0] time,
from 0 (VIN = VREFN) to 0FFH (VIN = VREFP).
Table 15. Scanning RAM Data Format
Bit
10
98
7654
321
0
Key Velocity and Status
SRQ
ON
BUSY
TIME
LED Data
MK10
MK9
MK8
MK7
MK6
MK5
MK4
MK3
MK2
MK1
MK0
Switch Data
BR10
BR9
BR8
BR7
BR6
BR5
BR4
BR3
BR2
BR1
BR0
ADC Status
X
X
X
ADC DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com