Electronic Components Datasheet Search
  English  ▼

X  

ATSAM9753 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATSAM9753
Description  Integrated Digital Music Instrument
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM9753 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATSAM9753 Datasheet HTML 7Page - ATMEL Corporation ATSAM9753 Datasheet HTML 8Page - ATMEL Corporation ATSAM9753 Datasheet HTML 9Page - ATMEL Corporation ATSAM9753 Datasheet HTML 10Page - ATMEL Corporation ATSAM9753 Datasheet HTML 11Page - ATMEL Corporation ATSAM9753 Datasheet HTML 12Page - ATMEL Corporation ATSAM9753 Datasheet HTML 13Page - ATMEL Corporation ATSAM9753 Datasheet HTML 14Page - ATMEL Corporation ATSAM9753 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11
ATSAM9753
1774D–DRMSD–11/02
Timing Diagrams
All timings are relative to 11.2896 MHz crystal between X1 and X2.
Figure 3. Scanning Timings (Keyboard, Switches, LEDs and Sliders) Timing Diagram
Table 6. Scanning Timing Parameters
Symbol
Parameter
Min
Typ
Max
Unit
t
KBD
Keyboard access (KBDIO high time)
1.4
µs
tIO
Switches/leds access (KBDIO low time)
4.3
µs
t
SCLK
Internal scanning clock period
354
ns
t
KA
Break (contact1) and Make (contact2) data from keyboard valid
from rising KBDIO
1.2
µs
t
KD
Break (contact1) and Make (contact2) data from Keyboard
floating from rising KBDIO
1.3
1.6
µs
tIOA
Switch data valid from falling KBDIO
4µs
t
IOD
Switch data floating from falling KBDIO
4.1
4.4
µs
t
IOG
LED data MK guard time
177
27
ns
tIOH
LED data floating from rising KBDIO
088
ns
t
VA
Analog V
IN sample start time from ROW change (Start sample
and hold voltage follow mode)
1µs
t
VD
Analog V
IN sample end time from ROW change (Switch to hold
mode)
2.2
µs
tKA
tKD
tKA
tKD
tIOG
tSCLK
tKBD
tIOA
tIOD
tIOH
tVA
tVD
tIO
SCLK
KBDIO
ROW[2:0]
BR[10:0]
MK[10:0]
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com