Electronic Components Datasheet Search
  English  ▼

X  

ATSAM9753 Datasheet(PDF) 17 Page - ATMEL Corporation

Part # ATSAM9753
Description  Integrated Digital Music Instrument
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM9753 Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button ATSAM9753 Datasheet HTML 13Page - ATMEL Corporation ATSAM9753 Datasheet HTML 14Page - ATMEL Corporation ATSAM9753 Datasheet HTML 15Page - ATMEL Corporation ATSAM9753 Datasheet HTML 16Page - ATMEL Corporation ATSAM9753 Datasheet HTML 17Page - ATMEL Corporation ATSAM9753 Datasheet HTML 18Page - ATMEL Corporation ATSAM9753 Datasheet HTML 19Page - ATMEL Corporation ATSAM9753 Datasheet HTML 20Page - ATMEL Corporation ATSAM9753 Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
17
ATSAM9753
1774D–DRMSD–11/02
Keyboard Configuration
Register
The configuration register allows the user to work with a variety of keyboards. This write-
only 2-bit register is mapped to the address OBH in the I/O space.
Reg[0] = contact type
0 for rubber type contact
1 for spring type contact
Reg[1] = diode wiring
0 for common anode wiring
1 for common cathode wiring
The default configuration (power-up) is common anode (Reg[1] = 0) and rubber contact
(Reg[0] = 0) which corresponds to most popular keyboards.
Scanning Interface
The ATSAM9753 has built-in specialized hardware that allows the following functions:
•
Scanning of up to 88 keys from an external keyboard, with key-on and key-off
velocity measurement (time between contacts)
•
Scanning of up to 176 switches
•
Time multiplex control of up to 88 LEDs
•
Analog-to-digital conversion of up to 16 analog sources
The P16 interfaces with the scanning using a three-address port located at 0CH to 0EH
in the I/O mapping.
This port enables access to the keyboard RAM. This 128 x 11 RAM is mapped as
shown in Table 13.
Keyboard Status
(I/O address OCH read-only)
D[7] KRQ flag = 1 indicates that a key-on or key-off has been detected and that the P16
service is requested. This flag is automatically cleared by writing to data H for the
detected key.
Table 12. LCD Interface
I/O Access
I/O Data
LCD_Reg[10:0]
DB[7:0]
R/W
Write
IOD[10:0]
(IOD[9]=0)
IOD[10:0]
LCD_Reg[9]=0
IOD[7:0] output
0
Set LCD in write mode
Write
IOD[10:0]
(IOD[9]=1)
IOD[10:0]
LCD_Reg[9]=1
LCD_D[7:0] input
1
Set LCD in read mode
Read
xx
LCD_Reg[9]=0
LCD_Reg[7:0] output
0
Invalid read from LCD in write mode
Read
xxx,
LCD_D[7:0]
LCD_Reg[9]=1
LCD_D[7:0] input
1
Read from LCD
Table 13. Keyboard RAM Mapping
Address
Content
00H to 57H
Key velocity and status
58H to 5FH
LED data
60H to 6FH
Switch status
70H to 7FH
ADC value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com