Electronic Components Datasheet Search
  English  ▼

X  

ATSAM9753 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATSAM9753
Description  Integrated Digital Music Instrument
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM9753 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATSAM9753 Datasheet HTML 4Page - ATMEL Corporation ATSAM9753 Datasheet HTML 5Page - ATMEL Corporation ATSAM9753 Datasheet HTML 6Page - ATMEL Corporation ATSAM9753 Datasheet HTML 7Page - ATMEL Corporation ATSAM9753 Datasheet HTML 8Page - ATMEL Corporation ATSAM9753 Datasheet HTML 9Page - ATMEL Corporation ATSAM9753 Datasheet HTML 10Page - ATMEL Corporation ATSAM9753 Datasheet HTML 11Page - ATMEL Corporation ATSAM9753 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8
ATSAM9753
1774D–DRMSD–11/02
Product Overview
The ATSAM9753 is part of a new generation of integrated solutions for electronic musi-
cal instruments. The device includes all key circuitry on a single silicon chip: sound
synthesizer/processor, 16-bit control processor, interface with keyboards, switches, slid-
ers, LEDs, LCD display, etc.
The synthesis/sound processing core of the ATSAM9753 is taken from the ATSAM97xx
series, the quality of which has already been demonstrated through dozens of different
musical products: electronic pianos, home keyboards, professional keyboards, classical
organs and sound expanders. The maximum polyphony is 64 voices without effects. A
typical application is 38-voice polyphony with reverb, chorus, 4-band equalizer and
surround.
The ATSAM9753 is directly compatible with most available musical keyboards. This
includes configuration options for spring- or rubber-type contacts and for common
anode- or common cathode-type matrices. A 64 µs timing accuracy for velocity detec-
tion provides a very reliable dynamic response even with low-cost unweighted
keyboards. The time between contacts is coded with 256 steps on a logarithmic time
scale, then converted by software to a 128-step MIDI scale according to the type of key-
board and selected keyboard sensitivity.
The ATSAM9753 can handle directly up to 176 switches. Switches, organized in matrix
form, require only a serial diode. Up to 88 LEDs can be directly controlled by the
ATSAM9753 in a time-multiplexed way. Additional LEDs can be connected through
additional external shift registers using the GPIO lines (general-purpose I/O lines) of the
ATSAM9753. The built-in analog-to-digital converter of the ATSAM9753 allows connec-
tion of continuous controllers like pitch-bend wheel, modulation, volume sliders, tempo
sliders, etc. Up to 16 sliders can be connected.
The ATSAM9753 can be directly connected to most LCD displays through an 8-bit dedi-
cated data bus and three control signals.
Configuration options allow the ATSAM9753 to cover a wide range of musical products,
from the lowest-cost keyboard to the high-range digital piano, thanks to flexible memory
and I/O organization: built-in 64K bytes of RAM and up to 32M bytes of external memory
for firmware, orchestration and PCM data. The external memory can be ROM, RAM or
Flash. Memory types can be mixed, but for most applications there is no need for exter-
nal RAM memory as the built-in 64K bytes of RAM is enough to handle firmware
variables and reverb delay lines. External Flash memory can be programmed on-board
from a host processor through the ATSAM9753.
The ATSAM9753 operates from a single 11.2896 MHz crystal. A built-in PLL raises the
frequency to 45.2 MHz for internal processing. This allows radio frequency interference
(RFI) to be minimized, making it easier to comply with FCC, CSA and CE standards.
A power-down feature is also included which can be controlled externally (PDWN pin).
This makes the ATSAM9753 very suitable for battery-operated instruments.
The ATSAM9753 was designed with a rapid time-to-market in mind. The ATSAM9753
product development program includes key features to minimize product development
efforts:
•
Specialized debug interface, allowing on-target software development with a source
code “CodeView” debugger
•
Standard sound generation/processing firmware
•
Standard orchestration firmware
•
Windows® tools for sounds, soundbanks and orchestration developments
•
Standard soundbanks
•
Strong technical support available directly from Dream®



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com