Electronic Components Datasheet Search
  English  ▼

X  

T48C893 Datasheet(PDF) 77 Page - ATMEL Corporation

Part # T48C893
Description  The multiple times programmable (MTP) version for the MARC4 ROM types
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C893 Datasheet(HTML) 77 Page - ATMEL Corporation

Back Button T48C893 Datasheet HTML 73Page - ATMEL Corporation T48C893 Datasheet HTML 74Page - ATMEL Corporation T48C893 Datasheet HTML 75Page - ATMEL Corporation T48C893 Datasheet HTML 76Page - ATMEL Corporation T48C893 Datasheet HTML 77Page - ATMEL Corporation T48C893 Datasheet HTML 78Page - ATMEL Corporation T48C893 Datasheet HTML 79Page - ATMEL Corporation T48C893 Datasheet HTML 80Page - ATMEL Corporation T48C893 Datasheet HTML 81Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 82 page
background image
T48C893
T48C893
Rev. A4, 22-Jan-02
77 (82)
VSS = 0 V, Tamb = –40 to 85
°C unless otherwise specified.
Parameters
Test Conditions / Pins
Symbol
Min.
Typ.
Max.
Unit
Power-on reset threshold voltage
POR threshold voltage
BOT = 1
VPOR
1.54
1.7
1.88
V
POR threshold voltage
BOT = 0
VPOR
1.83
2.0
2.20
V
POR hysteresis
VPOR
50
mV
Voltage monitor threshold voltage
VM high threshold voltage
VDD > VM, VMS = 1
VMThh
3.0
3.35
V
VM high threshold voltage
VDD < VM, VMS = 0
VMThh
2.77
3.0
V
VM middle thresh. voltage
VDD > VM, VMS = 1
VMThm
2.6
2.9
V
VM middle thresh. voltage
VDD < VM, VMS = 0
VMThm
2.4
2.6
V
VM low threshold voltage
VDD > VM, VMS = 1
VMThl
2.2
2.44
V
VM low threshold voltage
VDD < VM, VMS = 0
VMThl
2.0
2.2
V
External input voltage
VMI
VDD = 3 V, VMS = 1
VVMI
1.3
1.4
V
VMI
VDD = 3 V, VMS = 0
VVMI
1.18
1.3
V
All Bidirectional Ports
VSS = 0 V, Tamb = –40 to 85
°C unless otherwise specified.
Parameters
Test Conditions / Pins
Symbol
Min.
Typ.
Max.
Unit
Input voltage LOW
VDD = 1.8 to 6.5 V
VIL
VSS
0.2*VDD
V
Input voltage HIGH
VDD = 1.8 to 6.5 V
VIH
0.8* VDD
VDD
V
Input LOW current
(switched pull-up)
VDD = 2.0 V,
VDD = 3.0 V, VIL= VSS
VDD = 6.5 V
IIL
–3
–10
–80
–8
–20
–150
–14
–40
–240
µA
µA
µA
Input HIGH current
(switched pull-down)
VDD = 2.0 V,
VDD = 3.0 V, VIH = VDD
VDD = 6.5 V
IIH
3
10
60
6
20
100
14
40
160
µA
µA
µA
Input LOW current
(static pull-up)
VDD = 2.0 V
VDD = 3.0 V, VIL= VSS
VDD = 6.5 V
IIL
–30
–80
–300
–50
–160
–700
–90
–320
–1200
µA
µA
µA
Input LOW current
(static pull-down)
VDD = 2.0 V
VDD = 3.0 V, VIH= VDD
VDD = 6.5 V
IIH
20
80
300
50
160
600
100
320
1000
µA
µA
µA
Input leakage current
VIL= VSS
IIL
100
nA
Input leakage current
VIH= VDD
IIH
100
nA
Output LOW current
VOL = 0.2 VDD
VDD = 2.0 V
VDD = 3.0 V,
VDD = 6.5 V
IOL
0.9
3
8
1.8
5
15
3.6
8
22
mA
mA
mA
Output HIGH current
VOH = 0.8 VDD
VDD = 2.0 V
VDD = 3.0 V,
VDD = 6.5 V
IOH
–0.8
–3
–8
–1.7
–5
–15
–3.4
–8
–24
mA
mA
mA
Note: The Pin BP20/NTE has a static pull-up resistor during the reset-phase of the microcontroller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com