| Electronic Components Datasheet Search |
|
T48C893 Datasheet(PDF) 58 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T48C893 Datasheet(HTML) 58 Page - ATMEL Corporation |
|
58 / 82 page ![]() T48C893 Rev. A4, 22-Jan-02 58 (82) configurations, the SSI, in I2C mode is intended for use purely as a master controller on a single master bus system. So all reference to multiple bus control and bus contention will be omitted at this point. All data is packaged into 8-bit telegrams plus a trailing handshaking or acknowledge-bit. Normally the communication channel is opened with a so-called start condition, which initializes all devices connected to the bus. This is then followed by a data telegram, transmitted by the master controller device. This telegram usually contains an 8-bit address code to activate a single slave device connected onto the I2C bus. Each slave receives this address and compares it with it’s own unique address. The addressed slave device, if ready to receive data will respond by pulling the SD line low during the 9th clock pulse. This represents a so-called I2C acknowledge. The controller on detecting this affirmative acknowledge then opens a connection to the required slave. Data can then be passed back and forth by the master controller, each 8-bit telegram being acknowledged by the respective recipient. The communication is finally closed by the master device and the slave device put back into standby by applying a stop condition onto the bus. (2) (1) (4) (4) (3) (1) Start condition Data valid Data change Data valid Stop condition 13832 SC SD Figure 64. I2C bus protocol 1 Bus not busy (1) Both data and clock lines remain HIGH. Start data transfer (2) A HIGH to LOW transition of the SD line while the clock (SC) is HIGH defines a START condition. Stop data transfer (3) A LOW to HIGH transition of the SD line while the clock (SC) is HIGH defines a STOP condition. Data valid (4) The state of the data line represents valid data when, after START condition, the data line is stable for the duration of the HIGH period of the clock signal. Acknowledge All address and data words are serially transmitted to and from device in eight–bit words. The receiving device returns a zero on the data line during the ninth clock cycle to acknowledge word receipt. 13833 SC SD Start 1n 89 1st Bit 8th Bit ACK Stop Figure 65. I2C bus protocol 2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |