Electronic Components Datasheet Search
  English  ▼

X  

T48C893 Datasheet(PDF) 40 Page - ATMEL Corporation

Part # T48C893
Description  The multiple times programmable (MTP) version for the MARC4 ROM types
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C893 Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button T48C893 Datasheet HTML 36Page - ATMEL Corporation T48C893 Datasheet HTML 37Page - ATMEL Corporation T48C893 Datasheet HTML 38Page - ATMEL Corporation T48C893 Datasheet HTML 39Page - ATMEL Corporation T48C893 Datasheet HTML 40Page - ATMEL Corporation T48C893 Datasheet HTML 41Page - ATMEL Corporation T48C893 Datasheet HTML 42Page - ATMEL Corporation T48C893 Datasheet HTML 43Page - ATMEL Corporation T48C893 Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 82 page
background image
T48C893
Rev. A4, 22-Jan-02
40 (82)
Timer 2 Mode Register 2 (T2M2)
Address: ’7’hex – Subaddress: ’2’hex
Bit 3
Bit 2
Bit 1
Bit 0
T2M2
T2TOP
T2OS2
T2OS1
T2OS0
Reset value: 1111b
T2TOP
Timer 2 Toggle Output Preset
This bit allows the programmer to preset the Timer 2 output T2O.
T2TOP = 0, resets the toggle outputs with the write cycle (M2 = 0)
T2TOP = 1, sets toggle outputs with the write cycle (M2 = 1)
Note: If T2R = 1, no output preset is possible
T2OS2
Timer 2 Output Select bit 2
T2OS1
Timer 2 Output Select bit 1
T2OS0
Timer 2 Output Select bit 0
Output
Mode
T2OS2
T2OS1
T2OS0
Clock Output (POUT)
1
1
1
1
Toggle mode: a Timer 2 compare match toggles the
output flip-flop (M2) –> T2O
2
1
1
0
Duty cycle burst generator 1: the DCG output signal
(DCG0) is given to the output and gated by the output
flip-flop (M2)
3
1
0
1
Duty cycle burst generator 2: the DCG output signal
(DCGO) is given to the output and gated by the SSI in-
ternal data output (SO)
4
1
0
0
Biphase modulator: Timer 2 modulates the SSI internal
data output (SO) to Biphase code
5
0
1
1
Manchester modulator: Timer 2 modulates the SSI inter-
nal data output (SO) to Manchester code
6
0
1
0
SSI output: T2O is used directly as SSI internal data
output (SO)
7
0
0
1
PWM mode: an 8/12-bit PWM mode
8
0
0
0
Not allowed
If one of these output modes is used the T2O alternate function of Port 4 must also be activated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com