Electronic Components Datasheet Search
  English  ▼

X  

T48C893 Datasheet(PDF) 78 Page - ATMEL Corporation

Part # T48C893
Description  The multiple times programmable (MTP) version for the MARC4 ROM types
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C893 Datasheet(HTML) 78 Page - ATMEL Corporation

Back Button T48C893 Datasheet HTML 74Page - ATMEL Corporation T48C893 Datasheet HTML 75Page - ATMEL Corporation T48C893 Datasheet HTML 76Page - ATMEL Corporation T48C893 Datasheet HTML 77Page - ATMEL Corporation T48C893 Datasheet HTML 78Page - ATMEL Corporation T48C893 Datasheet HTML 79Page - ATMEL Corporation T48C893 Datasheet HTML 80Page - ATMEL Corporation T48C893 Datasheet HTML 81Page - ATMEL Corporation T48C893 Datasheet HTML 82Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 78 / 82 page
background image
T48C893
Rev. A4, 22-Jan-02
78 (82)
6.3
AC Characteristics
Operation Cycle Time (VSS = 0 V)
Parameters
Test Conditions / Pins
Symbol
Min.
Typ.
Max.
Unit
System clock cycle
VDD = 1.8 to 6.5 V
Tamb = –40 to 85
°C
tSYSCL
500
2000
ns
VDD = 2.4 to 6.5 V
Tamb = –40 to 85
°C
tSYSCL
250
2000
ns
Supply voltage VDD = 1.8 to 6.5 V, VSS = 0 V, Tamb = 25
°C unless otherwise specified.
Parameters
Test Conditions / Pins
Symbol
Min.
Typ.
Max.
Unit
Timer 2 input timing Pin T2I
Timer 2 input clock
fT2I
5
MHz
Timer 2 input LOW time
Rise / fall time < 10 ns
tT2IL
100
ns
Timer 2 input HIGH time
Rise / fall time < 10 ns
tT2IH
100
ns
Timer 3 input timing Pin T3I
Timer 3 input clock
fT3I
SYSCL/2
MHz
Timer 3 input LOW time
Rise / fall time < 10 ns
tT3IL
2
tSYSCL
ns
Timer 3 input HIGH time
Rise / fall time < 10 ns
tT3IH
2
tSYSCL
ns
Interrupt request input timing
Int. request LOW time
Rise / fall time < 10 ns
tIRL
100
ns
Int. request HIGH time
Rise / fall time < 10 ns
tIRH
100
ns
External system clock
EXSCL at OSC1, ECM =
EN
Rise / fall time < 10 ns
fEXSCL
0.5
4
MHz
EXSCL at OSC1, ECM = DI
Rise / fall time < 10 ns
fEXSCL
0.02
4
MHz
Input HIGH time
Rise / fall time < 10 ns
tIH
0.1
µs
Reset timing
Power-on reset time
VDD u VPOR
tPOR
1.5
5
ms
RC oscillator 1
Frequency
fRcOut1
4.0
MHz
Stability
VDD = 2.0 to 6.5 V
Tamb = –40 to 85
°C
∆f/f
"50
%
RC oscillator 2 – external resistor
Frequency
Rext = 180 k
Ω
fRcOut2
4.0
MHz
Stability
VDD = 2.0 to 6.5 V
Tamb = –40 to 85
°C
∆f/f
"15
%
Stabilization time
tS
10
µs
4-MHz crystal oscillator (operating range VDD = 2.2 V to 6.5 V)
Frequency
fX
4
MHz
Start-up time
tSQ
5
ms
Stability
∆f/f
–10
10
ppm
Integrated input / output
capacitances
(configurable)
CIN / COUT programmable
CIN
COUT
0, 2, 5, 7, 10 or 12
0, 2, 5, 7, 10 or 12
pF
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com