Electronic Components Datasheet Search
  English  ▼

X  

T48C893 Datasheet(PDF) 59 Page - ATMEL Corporation

Part # T48C893
Description  The multiple times programmable (MTP) version for the MARC4 ROM types
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C893 Datasheet(HTML) 59 Page - ATMEL Corporation

Back Button T48C893 Datasheet HTML 55Page - ATMEL Corporation T48C893 Datasheet HTML 56Page - ATMEL Corporation T48C893 Datasheet HTML 57Page - ATMEL Corporation T48C893 Datasheet HTML 58Page - ATMEL Corporation T48C893 Datasheet HTML 59Page - ATMEL Corporation T48C893 Datasheet HTML 60Page - ATMEL Corporation T48C893 Datasheet HTML 61Page - ATMEL Corporation T48C893 Datasheet HTML 62Page - ATMEL Corporation T48C893 Datasheet HTML 63Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 82 page
background image
T48C893
T48C893
Rev. A4, 22-Jan-02
59 (82)
SSI Interrupt
The SSI interrupt INT3 can be generated either by an SSI
buffer register status (i.e., transmit buffer empty or
receive buffer full) end of SSI data telegram or on the
falling edge of the SC/SD pins on Port 4 (see P4CR). SSI
interrupt selection is performed by the Interrupt FunctioN
control bit (IFN). The SSI interrupt is usually used to
synchronize the software control of the SSI and inform
the controller of the present SSI status. The Port 4
interrupts can be used together with the SSI or, if the SSI
itself is not required, as additional external interrupt
sources. In either case this interrupt is capable of waking
the controller out of sleep mode.
To enable and select the SSI relevant interrupts use the
SSI interrupt mask (SIM) and the Interrupt Function
(IFN) while the Port 4 interrupts are enabled by setting
appropriate control bits in P4CR register.
Modulation and Demodulation
If the shift register is used together with Timer 2 or
Timer 3 for modulation or demodulation purposes, the
8-bit synchronous mode must be used. In this case, the
unused Port 4 pins can be used as conventional
bidirectional ports.
The modulation and demodulation stages, if enabled,
operate as soon as the SSI is activated (SIR=0) and cease
when deactivated (SIR=1).
Due to the byte-orientated data control, the SSI when
running normally generates serial bit streams which are
submultiples of 8 bits. An SSI output masking (OMSK)
function permits, however, the generation of bit streams
of any length. The OMSK signal is derived indirectly
from the 4-bit prescaler of the Timer 2 and masks out a
programmable number of unrequired trailing data bits
during the shifting out of the final data word in the bit
stream. The number of non-masked data bits is defined by
the value pre-programmed in the prescaler compare
register. To use output masking, the modulator stop mode
bit (MSM) must be set to ’0’ before programming the
final data word into the SSI transmit buffer. This in turn,
enables shift clocks to the prescaler when this final word
is shifted out. On reaching the compare value, the
prescaler triggers the OMSK signal and all following data
bits are blanked.
Internal 2-Wire Multi-Chip Link
Two additional on-chip pads (MCL_SC and MCL_SD)
for the SC and the SD line can be used as chip-to-chip link
for multi-chip applications. These pads can be activated
by setting the MCL-bit in the SISC-register. They are also
used as interface to the internal data EEPROM
SCL
SDA
MCL_SC
MCL_SD
U505M
VDD
BP40/SC
BP10
BP43/SD
BP13
Multi chip link
VSS
T48C893
Figure 66. Multi-chip link
13834
8-bit shift register
MSB
LSB
Shift_CL
SO
Control
SI
Timer 2
Output
SSI-control
SO
Compare 2/1
4-bit counter 2/1
CL2/1
SCL
CM1
OMSK
SC
TOG2
POUT
T1OUT
SYSCL
/2
Figure 67. SSI output masking function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com