Electronic Components Datasheet Search
  English  ▼

X  

T48C893 Datasheet(PDF) 50 Page - ATMEL Corporation

Part # T48C893
Description  The multiple times programmable (MTP) version for the MARC4 ROM types
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C893 Datasheet(HTML) 50 Page - ATMEL Corporation

Back Button T48C893 Datasheet HTML 46Page - ATMEL Corporation T48C893 Datasheet HTML 47Page - ATMEL Corporation T48C893 Datasheet HTML 48Page - ATMEL Corporation T48C893 Datasheet HTML 49Page - ATMEL Corporation T48C893 Datasheet HTML 50Page - ATMEL Corporation T48C893 Datasheet HTML 51Page - ATMEL Corporation T48C893 Datasheet HTML 52Page - ATMEL Corporation T48C893 Datasheet HTML 53Page - ATMEL Corporation T48C893 Datasheet HTML 54Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 82 page
background image
T48C893
Rev. A4, 22-Jan-02
50 (82)
Timer 3 Status Register 1 (T3ST) Read
Primary register address: ’C’hex – Read
Bit 3
Bit 2
Bit 1
Bit 0
T3ST
Read
– – –
T3ED
T3C2
T3C1
Reset value: x000b
T3ED
Timer 3 Edge Detect
This bit will be set by the edge-detect logic of Timer 3 input (T3I)
T3C2
Timer 3 Compare 2
This bit will be set when a match occurs between Counter 3 and T3CO2
T3C1
Timer 3 Compare 1
This bit will be set when a match occurs between Counter 3 and T3CO1
Note: The status bits T3C1, T3C2 and T3ED will be reset after a READ access to T3ST.
Timer 3 Clock Select Register (T3CS)
Address: ’B’hex – Subaddress: ’1’hex
Bit 3
Bit 2
Bit 1
Bit 0
T3CS
T3E1
T3E0
T3CS1
T3CS0
Reset value: 1111b
T3E1
Timer 3 Edge select bit 1
T3E1
T3E0
Timer 3 Input Edge Select (T3I)
T3E0
Timer 3 Edge select bit 0
1
1
– – –
1
0
Positive edge at T3I pin
0
1
Negative edge at T3I pin
0
0
Each edge at T3I pin
T3CS1
Timer 3 Clock Source select bit 1
T3CS1
TCS0
Counter 3 Input Signal (CL3)
T3CS0
Timer 3 Clock Source select bit 0
1
1
System clock (SYSCL)
1
0
Output signal of Timer 2 (POUT)
0
1
Output signal of Timer 1 (T1OUT)
0
0
External input signal from T3I edge
detect
Timer 3 Compare- and Compare Mode Register
Timer 3 has two separate compare registers T3CO1 and T3CO2 for the 8-bit stage of Timer 3. The timer compares the
content of the compare register with the current counter value. If both match, it generates a signal. This signal can be
used for the counter reset, to generate a timer interrupt, for toggling the output flip-flop, as SSI clock or as clock for
the next counter stage. For each compare register an compare-mode register exists. This registers contain mask bits
to enable or disable the generation of an interrupt, a counter reset, or an output toggling with the occurrence of a
compare match of the corresponding compare register. The mask bits for activating the single-action mode can also
be located in the compare mode registers. When assigned to the compare register a compare event will be supressed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com