Electronic Components Datasheet Search
  English  ▼

X  

T48C893 Datasheet(PDF) 79 Page - ATMEL Corporation

Part # T48C893
Description  The multiple times programmable (MTP) version for the MARC4 ROM types
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C893 Datasheet(HTML) 79 Page - ATMEL Corporation

Back Button T48C893 Datasheet HTML 74Page - ATMEL Corporation T48C893 Datasheet HTML 75Page - ATMEL Corporation T48C893 Datasheet HTML 76Page - ATMEL Corporation T48C893 Datasheet HTML 77Page - ATMEL Corporation T48C893 Datasheet HTML 78Page - ATMEL Corporation T48C893 Datasheet HTML 79Page - ATMEL Corporation T48C893 Datasheet HTML 80Page - ATMEL Corporation T48C893 Datasheet HTML 81Page - ATMEL Corporation T48C893 Datasheet HTML 82Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 79 / 82 page
background image
T48C893
T48C893
Rev. A4, 22-Jan-02
79 (82)
Unit
Max.
Typ.
Min.
Symbol
Test Conditions / Pins
Parameters
32-kHz crystal oscillator (operating range VDD = 2.0 V to 6.5 V)
Frequency
fX
32.768
kHz
Start-up time
tSQ
0.5
s
Stability
∆f/f
–10
10
ppm
Integrated input / output
capacitances
(mask programmable)
CIN / COUT programmable
CIN
COUT
0, 2, 5, 7, 10 or 12
0, 2, 5, 7, 10 or 12
pF
pF
External 32-kHz crystal parameters
Crystal frequency
fX
32.768
kHz
Serial resistance
RS
30
50
k
Ω
Static capacitance
C
0
1.5
pF
Dynamic capacitance
C1
3
fF
External 4-MHz crystal parameters
Crystal frequency
fX
4.0
MHz
Serial resistance
RS
40
150
Ω
Static capacitance
C
0
1.4
3
pF
Dynamic capacitance
C1
3
fF
Crystal Characteristics
L
C1
RS
C0
OSCIN
OSCOUT
Equivalent
circuit
96 11553
SCLIN
SCLOUT
Figure 88. Crystal equivalent circuit
Supply voltage VDD = 1.8 to 6.5 V, VSS = 0 V, Tamb = 25
°C unless otherwise specified.
Parameters
Test Conditions / Pins
Symbol
Min.
Typ.
Max.
Unit
Data EEPROM
Operating current during
erase/write cycle
IWR
600
1300
µA
Endurance
Erase- / write-cycles
Tamb = 85
°C
nEW
nEW
500,000
100,000
1,000,000
Cycles
Cycles
Data erase/write cycle time
for 16-bit access
tDEW
9
13
ms
Data retention time
Tamb = 85
°C
tDR
tDR
100
10
Years
Years
Power-up to read operation
tPUR
0.2
ms
Power-up to write opera-
tion
tPUW
0.2
ms
Program EEPROM
Erase- / write-cycles
Tamb = 0 to 40
°C
nEW
100
1,000
cycles
Serial interface
SCL clock frequency
fSC_MCL
100
500
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com