Electronic Components Datasheet Search
  English  ▼

X  

T48C893 Datasheet(PDF) 19 Page - ATMEL Corporation

Part # T48C893
Description  The multiple times programmable (MTP) version for the MARC4 ROM types
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C893 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button T48C893 Datasheet HTML 15Page - ATMEL Corporation T48C893 Datasheet HTML 16Page - ATMEL Corporation T48C893 Datasheet HTML 17Page - ATMEL Corporation T48C893 Datasheet HTML 18Page - ATMEL Corporation T48C893 Datasheet HTML 19Page - ATMEL Corporation T48C893 Datasheet HTML 20Page - ATMEL Corporation T48C893 Datasheet HTML 21Page - ATMEL Corporation T48C893 Datasheet HTML 22Page - ATMEL Corporation T48C893 Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 82 page
background image
T48C893
T48C893
Rev. A4, 22-Jan-02
19 (82)
4–MHz
oscillator
4Out
4Out
OSC1
OSC2
*
Oscin
C1
*
C2
Oscout
XTAL
4 MHz
*
configurable
Stop
Osc–Stop
Figure 18. 4-MHz crystal oscillator
4–MHz
oscillator
4Out
Stop
4Out
Osc–Stop
OSC1
OSC2
*
Oscin
C1
*
C2
Oscout
Cer.
Res
*
configurable
C3
C4
Figure 19. Ceramic resonator
32-kHz Oscillator
Some applications require long-term time keeping or low
resolution timing. In this case, an on–chip, low power
32-kHz crystal oscillator can be used to generate both the
SUBCL
and
the SYSCL. In this mode, power
consumption is greatly reduced. The 32-kHz crystal
oscillator can not be stopped while the power-down mode
is in operation.
32–kHz
oscillator
32Out
32Out
OSC1
OSC2
*
Oscin
C1
*
C2
Oscout
XTAL
32 kHz
*
configurable
Figure 20. 32-kHz crystal oscillator
3.5.3
Clock Management
The clock management register controls the system clock
divider and synchronization stage. Writing to this register
triggers the synchronization cycle.
Clock Management Register (CM)
Auxiliary register address: ’3’hex
Bit 3
Bit 2
Bit 1
Bit 0
CM:
NSTOP
CCS
CSS1
CSS0
Reset value: 1111b
NSTOP
Not STOP peripheral clock
NSTOP = 0, stops the peripheral clock while the core is in SLEEP mode
NSTOP = 1, enables the peripheral clock while the core is in SLEEP mode
CCS
Core Clock Select
CCS = 1, the internal RC-oscillator 1 generates SYSCL
CCS = 0, the 4-MHz crystal oscillator, the 32-kHz crystal oscillator, an external clock source or the
internal RC-oscillator 2 with the external resistor at OSC1 generates SYSCL dependent on
the setting of OS0 and OS1 in the system configuration register
CSS1
Core Speed Select 1
CSS0
Core Speed Select 0
CSS1
CSS0
Divider
Note
0
0
16
1
1
8
Reset value
1
0
4
0
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com