Electronic Components Datasheet Search
  English  ▼

X  

T48C893 Datasheet(PDF) 17 Page - ATMEL Corporation

Part # T48C893
Description  The multiple times programmable (MTP) version for the MARC4 ROM types
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C893 Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button T48C893 Datasheet HTML 13Page - ATMEL Corporation T48C893 Datasheet HTML 14Page - ATMEL Corporation T48C893 Datasheet HTML 15Page - ATMEL Corporation T48C893 Datasheet HTML 16Page - ATMEL Corporation T48C893 Datasheet HTML 17Page - ATMEL Corporation T48C893 Datasheet HTML 18Page - ATMEL Corporation T48C893 Datasheet HTML 19Page - ATMEL Corporation T48C893 Datasheet HTML 20Page - ATMEL Corporation T48C893 Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 82 page
background image
T48C893
T48C893
Rev. A4, 22-Jan-02
17 (82)
3.5
Clock Generation
3.5.1
Clock Module
The T48C893 contains a clock module with 4 different
internal oscillator types: two RC-oscillators, one 4-MHz
crystal oscillator and one 32-kHz crystal oscillator. The
pins OSC1 and OSC2 are the interface to connect a crystal
either to the 4-MHz, or to the 32-kHz crystal oscillator.
OSC1 can be used as input for external clocks or to
connect
an
external
trimming
resistor
for
the
RC-oscillator 2. All necessary circuitry except the crystal
and the trimming resistor is integrated on-chip. One of
these oscillator types or an external input clock can be
selected to generate the system clock (SYSCL).
In applications that do not require exact timing, it is
possible to use the fully integrated RC-oscillator 1
without any external components. The RC-oscillator 1
center frequency tolerance is better than
± 50%. The
RC-oscillator 2 is a trimmable oscillator whereby the
oscillator frequency can be trimmed with an external
resistor attached between OSC1 and VDD. In this
configuration, the RC-oscillator 2 frequency can be
maintained stable to within a tolerance of
± 15% over the
full operating temperature and voltage range.
The clock module is programmable via software with the
clock management register (CM) and the system
configuration register (SC). The required oscillator
configuration can be selected with the OS1-bit and the
OS0-bit in the SC-register. A programmable 4-bit divider
stage allows the adjustment of the system clock speed. A
special feature of the clock management is that an
external oscillator may be used and switched on and off
via a port pin for the power-down mode. Before the
external clock is switched off, the internal RC-oscillator
1 must be selected with the CCS-bit and then the SLEEP
mode may be activated. In this state an interrupt can wake
up the controller with the RC-oscillator, and the external
oscillator can be activated and selected by software. A
synchronization stage avoids too short clock periods if the
clock source or the clock speed is changed. If an external
input clock is selected, a supervisor circuit monitors the
external input and generates a hardware reset if the
external clock source fails or drops below 500 kHz for
more than 1 msec.
Ext. clock
ExIn
ExOut
Stop
RC oscillator2
RCOut2
Stop
R
Trim
4–MHz oscillator
4Out
Stop
Oscin
Oscout
Oscin
Oscout
32–kHz oscillator
32Out
Oscin
Oscout
RC
oscillator 1
RCOut1
Control
Stop
IN1
IN2
Cin
/2
/2
/2
/2
Divider
Sleep
WDL
Osc–Stop
NSTOP
CCS
CSS1
CSS0
CM:
BOT
– – –
OS1
OS0
SUBCL
SYSCL
SC:
*
OSC1
*
OSC2
*
configurable
Cin/16
32 kHz
Figure 14. Clock module
Table 4 Clock modes
Mode
Clock Source for SYSCL
Clock Source for SUBCL
OS1
OS0
CCS = 1
CCS = 0
1
1
1
RC-oscillator 1 (intern)
External input clock
Cin / 16
2
0
1
RC-oscillator 1 (intern)
RC-oscillator 2 with
external trimming resistor
Cin / 16
3
1
0
RC-oscillator 1 (intern)
4-MHz oscillator
Cin / 16
4
0
0
RC-oscillator 1 (intern)
32-kHz oscillator
32 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com