| Electronic Components Datasheet Search |
|
T48C893 Datasheet(PDF) 60 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T48C893 Datasheet(HTML) 60 Page - ATMEL Corporation |
|
60 / 82 page ![]() T48C893 Rev. A4, 22-Jan-02 60 (82) Serial Interface Registers Serial Interface Control Register 1 (SIC1) Auxiliary register address: ’9’hex Bit 3 Bit 2 Bit 1 Bit 0 SIC1 SIR SCD SCS1 SCS0 Reset value: 1111b SIR Serial Interface Reset SIR = 1, SSI inactive SIR = 0, SSI active SCD Serial Clock Direction SCD = 1, SC line used as output SCD = 0, SC line used as input Note: This bit has to be set to ’1’ during the I2C mode and the Timer 3 mode 10 or 11 SCS1 Serial Clock source Select bit 1 SCS1 SCS0 Internal Clock for SSI SCS0 Serial Clock source Select bit 0 1 1 SYSCL / 2 1 0 T1OUT / 2 Note: with SCD = ’0’ the bits SCS1 0 1 POUT / 2 and SCS0 are insignificant 0 0 TOG2 / 2 • In Transmit mode (SDD = 1) shifting starts only if the transmit buffer has been loaded (SRDY = 1). • Setting SIR-bit loads the contents of the shift register into the receive buffer (synchronous 8-bit mode only). • In I2C modes, writing a 0 to SIR generates a start condition and writing a 1 generates a stop condition. Serial Interface Control Register 2 (SIC2) Auxiliary register address: ’A’hex Bit 3 Bit 2 Bit 1 Bit 0 SIC2 MSM SM1 SM0 SDD Reset value: 1111b MSM Modular Stop Mode MSM = 1, modulator stop mode disabled (output masking off) MSM = 0, modulator stop mode enabled (output masking on) – used in modulation modes for generating bit streams which are not sub-multiples of 8 bit. SM1 Serial Mode control bit 1 Mode SM1 SM0 SSI Mode SM0 Serial Mode control bit 0 1 1 1 8-bit NRZ-Data changes with the rising edge of SC 2 1 0 8-bit NRZ-Data changes with the falling edge of SC 3 0 1 9-bit two-wire I2C compatible 4 0 0 8-bit two-wire pseudo I2C compatible (no acknowledge) SDD Serial Data Direction SDD = 1, transmit mode – SD line used as output (transmit data). SRDY is set by a transmit buffer write access. SDD = 0, receive mode – SD line used as input (receive data). SRDY is set by a receive buffer read access Note: SDD controls port directional control and defines the reset function for the SRDY–flag |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |