Electronic Components Datasheet Search
  English  ▼

X  

T48C893 Datasheet(PDF) 54 Page - ATMEL Corporation

Part # T48C893
Description  The multiple times programmable (MTP) version for the MARC4 ROM types
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C893 Datasheet(HTML) 54 Page - ATMEL Corporation

Back Button T48C893 Datasheet HTML 50Page - ATMEL Corporation T48C893 Datasheet HTML 51Page - ATMEL Corporation T48C893 Datasheet HTML 52Page - ATMEL Corporation T48C893 Datasheet HTML 53Page - ATMEL Corporation T48C893 Datasheet HTML 54Page - ATMEL Corporation T48C893 Datasheet HTML 55Page - ATMEL Corporation T48C893 Datasheet HTML 56Page - ATMEL Corporation T48C893 Datasheet HTML 57Page - ATMEL Corporation T48C893 Datasheet HTML 58Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 82 page
background image
T48C893
Rev. A4, 22-Jan-02
54 (82)
13822
8-bit Shift Register
MSB
LSB
Shift_CL
SO
SIC1
SIC2
SISC
SC
Control
STB
SRB
SI
Timer 2 / Timer 3
Output
INT3
SC
I/O–bus
I/O-bus
SSI-Control
TOG2
POUT
T1OUT
SYSCL
SO
SI
MCL_SC
SD
MCL_SD
Transmit
Buffer
Receive
Buffer
SCI
/2
Figure 58. Block diagram of the synchronous serial interface
General SSI Operation
The SSI is comprised essentially of an 8-bit shift register
with two associated 8-bit buffers – the receive buffer
(SRB) for capturing the incoming serial data and a trans-
mit buffer (STB) for intermediate storage of data to be
serially output. Both buffers are directly accessable by
software. Transferring the parallel buffer data into and out
of the shift register is controlled automatically by the SSI
control, so that both single byte transfers or continuous bit
streams can be supported.
The SSI can generate the shift clock (SC) either from one
of several on-chip clock sources or accept an external
clock. The external shift clock is output on, or applied to
the Port BP40. Selection of an external clock source is
performed by the Serial Clock Direction control bit
(SCD). In the combinational modes, the required clock is
selected by the corresponding timer mode.
The SSI can operate in three data transfer modes –
synchronous 8-bit shift mode, I2C compatible 9-bit shift
modes or 8-bit pseudo I2C protocol (without acknowl-
edge-bit).
External SSI clocking is not supported in these modes.
The SSI should thus generate and has full control over the
shift clock so that it can always be regarded as an I2C Bus
Master device.
All directional control of the external data port used by
the SSI is handled automatically and is dependent on the
transmission direction set by the Serial Data Direction
(SDD) control bit. This control bit defines whether the
SSI is currently operating in Transmit (TX) mode or
Receive (RX) mode.
Serial data is organized in 8-bit telegrams which are
shifted with the most significant bit first. In the 9-bit I2C
mode, an additional acknowledge bit is appended to the
end of the telegram for handshaking purposes (see I2C
protocol).
At the beginning of every telegram, the SSI control loads
the transmit buffer into the shift register and proceeds
immediately to shift data serially out. At the same time,
incoming data is shifted into the shift register input. This
incoming data is automatically loaded into the receive
buffer when the complete telegram has been received.
Data can, if required thus be simultaneously received and
transmitted.
Before data can be transferred, the SSI must first be
activated. This is performed by means of the SSI reset
control (SIR) bit. All further operation then depends on
the data directional mode (TX/RX) and the present status
of the SSI buffer registers shown by the Serial Interface
Ready Status Flag (SRDY). This SRDY flag indicates the
(empty/full) status of either the transmit buffer (in TX
mode), or the receive buffer (in RX mode). The control
logic ensures that data shifting is temporarily halted at
any time, if the appropriate receive/transmit buffer is not
ready (SRDY = 0). The SRDY status will then
automatically be set back to ‘1’ and data shifting resumed
as soon as the application software loads the new data into
the transmit register (in TX mode) or frees the shift
register by reading it into the receive buffer (in RX mode).
A further activity status (ACT) bit indicates the present
status of the serial communication. The ACT bit remains
high for the duration of the serial telegram or if I2C stop
or start conditions are currently being generated. Both the
current SRDY and ACT status can be read in the SSI
status register. To deactivate the SSI, the SIR bit must be
set high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com