Electronic Components Datasheet Search
  English  ▼

X  

TVP3020 Datasheet(PDF) 37 Page - Texas Instruments

Part # TVP3020
Description  Video Interface Palette
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP3020 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TVP3020 Datasheet HTML 33Page - Texas Instruments TVP3020 Datasheet HTML 34Page - Texas Instruments TVP3020 Datasheet HTML 35Page - Texas Instruments TVP3020 Datasheet HTML 36Page - Texas Instruments TVP3020 Datasheet HTML 37Page - Texas Instruments TVP3020 Datasheet HTML 38Page - Texas Instruments TVP3020 Datasheet HTML 39Page - Texas Instruments TVP3020 Datasheet HTML 40Page - Texas Instruments TVP3020 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 98 page
background image
2–23
2.5
On-Chip Cursor
The Viewpoint palette has an on-chip two-color 64 x 64 pixel user-definable cursor. The cursor operation
defaults to the XGA standard, but X-Windows compatibility is also available (see Section 2.5.2). In addition
to the 64
× 64 sprite cursor, TVP3020 also supports a two-color crosshair cursor. The cursors only operate
in noninterlaced applications.
The pattern for the 64
× 64 cursor is provided by the cursor RAM, which may be accessed by the MPU at
any time. Cursor positioning is performed via the cursor-position (x,y) registers and the sprite-origin (x,y)
registers (see register bit definitions in Sections 2.16.3 and 2.16.4). Positions x and y are defined in the
palette increasing from left to right and from top to bottom, respectively, as seen on the display screen. The
cursor position (x,y) is relative to the first pixel displayed. In other words, the very first pixel displayed is
located at position (0,0), and the last pixel displayed for a 1024
× 768 system is located at position (1023,
767).
On-chip cursor control is performed by the cursor-control register in the indirect register map (06 hex). Bits
0 and 1 control the width of the crosshair (1, 3, 5, or 7 pixels). Bit 2 enables/disables the crosshair cursor,
and bit 3 controls the crosshair-cursor color. Bit 4 specifies either XGA or X-window mode for the sprite
cursor. Bit 5 controls the color at the intersection of the sprite and crosshair cursors, and bit 6
enables/disables the sprite cursor. See the cursor-control register bit definitions in Section 2.16.2 for more
details.
2.5.1
Cursor RAM
The 64
× 64 × 2 cursor RAM is used to define the pixel pattern within the 64 × 64 pixel cursor window. It is
not initialized and may be written to or read by the MPU at any time. The cursor-RAM address zero is at the
top left corner of the RAM as shown in Figure 2–6.
The cursor RAM is written to by loading a number into the cursor RAM. Address registers 09 and 08 (hex)
of the index register indicate the location of the first group of four cursor pixels to be updated (two bits per
pixel implies four pixels per byte). Then the first four pixels are written to the cursor-RAM data register 0A
(hex) of the index register. This stores the cursor pixel data in the cursor RAM and automatically increments
the cursor-RAM address register. A second write to the cursor-RAM data register then loads the next four
cursor pixels, and so on. See the register bit definitions in Sections 2.16.8 and 2.16.9.
To read from the cursor RAM, the address of the first cursor-RAM location to be read is loaded into the
cursor-RAM address registers. Then a read is performed on the cursor-RAM data register [0A (hex) of the
Index register]. Similar to the cursor-RAM write operation, when the read is completed the cursor-RAM
address register is automatically incremented and further reads read successive cursor RAM locations.
The cursor RAM is written and read using the same hardware registers, so any task updating either of these
on an interrupt thread must save and restore the cursor-RAM address LSB [Index 08 (hex)] and cursor-RAM
address MSB [Index 09 (hex)] registers.
NOTES: When the cursor-RAM address is to be written, always write both the
cursor-RAM address LS and MS registers with the cursor-RAM address LSB
register first.
It is recommended that the cursor RAM not be accessed while the sprite cursor is
enabled; otherwise, there is a possibility that the cursor RAM could be corrupted.
Therefore, the sprite cursor should be temporarily disabled [cursor-control register
(CCR) bit 6 = 0] when writing to or reading from the cursor RAM.
The cursor-generation logic requires the use of active low sync inputs.
Vertical retrace is determined by detecting multiple syncs in blank.
The video front-porch time must be at least one RCLK period. The video
back-porch time must be at least 80 pixel clock periods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com