Electronic Components Datasheet Search
  English  ▼

X  

TVP3020 Datasheet(PDF) 49 Page - Texas Instruments

Part # TVP3020
Description  Video Interface Palette
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP3020 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TVP3020 Datasheet HTML 45Page - Texas Instruments TVP3020 Datasheet HTML 46Page - Texas Instruments TVP3020 Datasheet HTML 47Page - Texas Instruments TVP3020 Datasheet HTML 48Page - Texas Instruments TVP3020 Datasheet HTML 49Page - Texas Instruments TVP3020 Datasheet HTML 50Page - Texas Instruments TVP3020 Datasheet HTML 51Page - Texas Instruments TVP3020 Datasheet HTML 52Page - Texas Instruments TVP3020 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 98 page
background image
2–35
The relationship between RSET and the full scale output current IOG is:
RSET (
Ω) = K1 × Vref (V) / IOG (mA)
The full-scale output current on IOR and IOB for a given RSET is:
IOR, IOB (mA) = K2
× Vref (V) / RSET (Ω)
where K1 and K2 are defined as:
PEDESTAL
IOG
IOR, IOB
PEDESTAL
8-BIT OUTPUT
6-BIT OUTPUT
8-BIT OUTPUT
6-BIT OUTPUT
7.5 IRE
K1 = 11,294
K1 = 11,206
K2 = 8,067
K2 = 7,979
0 IRE
K1 = 10,684
K1 =10,600
K2 = 7,462
K2 = 7,374
White
Black
Blank
SYNC
92.5 IRE
[mA]
26.67
9.05
7.62
0.00
[V]
1.000
0.340
0.286
0.000
[mA]
19.05
1.44
0.00
[V]
0.714
0.054
0.000
Green
Red/Blue
7.5 IRE
40 IRE
Figure 2–14. Composite Video Output (With 7.5 IRE, 8-Bit Output)
White
Black/
Blank
SYNC
100 IRE
40 IRE
[mA]
25.24
7.62
0.00
[V]
0.950
0.286
0.000
[mA]
17.62
0.00
[V]
0.660
0.000
Green
Red/Blue
Figure 2–15. Composite Video Output (With 0 IRE, 8-Bit Output)
NOTE: 75-
Ω doubly terminated load, Vref = 1.235 V, RSET = 523 Ω. RS343A-levels and tolerances are assumed on all
levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com