Electronic Components Datasheet Search
  English  ▼

X  

TVP3020 Datasheet(PDF) 39 Page - Texas Instruments

Part # TVP3020
Description  Video Interface Palette
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP3020 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TVP3020 Datasheet HTML 35Page - Texas Instruments TVP3020 Datasheet HTML 36Page - Texas Instruments TVP3020 Datasheet HTML 37Page - Texas Instruments TVP3020 Datasheet HTML 38Page - Texas Instruments TVP3020 Datasheet HTML 39Page - Texas Instruments TVP3020 Datasheet HTML 40Page - Texas Instruments TVP3020 Datasheet HTML 41Page - Texas Instruments TVP3020 Datasheet HTML 42Page - Texas Instruments TVP3020 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 98 page
background image
2–25
(0,0)
(31,31)
(63,63)
Figure 2–7. Common Sprite-Origin Settings
NOTE: The programmable sprite-origin feature can be especially useful in creating
crosshair cursors and pointers. See Section 2.5.5 and Figures 2–8 and 2–9 for
more details.
2.5.4
Crosshair Cursor
Cursor positioning for the crosshair cursor is also done through the cursor-position (x,y) register. The
intersection of the crosshair cursor is specified by the cursor-position (x,y) register. If the thickness of the
crosshair cursor is greater than one pixel, the center of the intersection is the reference position. The
thickness of the crosshair cursor is specified by cursor-control register bits 0 and 1 (see Section 2.16.2).
The sprite-origin (x,y) register has no effect on the crosshair cursor location.
In order to display the crosshair cursor, cursor-control register bit 2 needs to be enabled while CCR bit 3
is used to set the desired color as shown in the following table:
CCR2
CCR3
CROSSHAIR COLOR
0
0
Crosshair not displayed
0
1
Crosshair not displayed
1
0
Cursor color 0
1
1
Cursor color 1
Cursor-control register bits 0 and 1 specify the crosshair cursor thickness (see Section 2.16.2).
The crosshair cursor is limited to being displayed within a window, which is specified by the window-start
(x,y) and window-stop (x, y) registers. Since the cursor-position (x,y) register must specify a point within the
window boundaries, it is the responsibility of the user software to ensure that the cursor-position (x,y)
register does not specify a point outside the defined window. Refer to Figure 2–8, which shows the
relationship between the different window and cursor register specifying regions.
If a full-screen crosshair cursor is desired, the window-start (x,y) registers should contain 0000 (hex) and
the window-stop (x,y) registers should be set to the last pixel location on the active screen. For the crosshair
cursor to be displayed, the window-start and window-stop registers must contain locations on the active
screen. If one wishes to temporarily remove the crosshair cursor from the screen without disabling the
function, the window-start registers can be programmed with a location off the active screen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com