Electronic Components Datasheet Search
  English  ▼

X  

TVP3020 Datasheet(PDF) 19 Page - Texas Instruments

Part # TVP3020
Description  Video Interface Palette
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP3020 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TVP3020 Datasheet HTML 15Page - Texas Instruments TVP3020 Datasheet HTML 16Page - Texas Instruments TVP3020 Datasheet HTML 17Page - Texas Instruments TVP3020 Datasheet HTML 18Page - Texas Instruments TVP3020 Datasheet HTML 19Page - Texas Instruments TVP3020 Datasheet HTML 20Page - Texas Instruments TVP3020 Datasheet HTML 21Page - Texas Instruments TVP3020 Datasheet HTML 22Page - Texas Instruments TVP3020 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 98 page
background image
2–5
The ECL input can be used as a differential or single-ended input. If CLK2 is used as a single-ended ECL
input, CLK2 needs to be externally terminated to set the input common-mode signal level. This can be done
with a simple resistor divided, as is the case with fully differential ECL. Care needs to be taken when
choosing the resistor values to ensure that the dc level on CLK2 is in the middle of the CLK2 ECL-input signal
range.
2.3.1
RCLK, SCLK, VCLK
The Viewpoint VIP provides user-programmable reference clock (RCLK), shift clock (SCLK), and video
(VCLK) clock outputs that can be set as divisions of the dot clock. RCLK is a continuously running reference
clock and is not disabled during blank. RCLK can be selected as divisions of 1, 2, 4, 8, 16, 32 or 64 of the
dot clock (see Table 2–5). It is provided as a clock reference and is typically connected back to the LCLK
input to latch pixel-port data. Since pixel-port data is latched on the rising edge of LCLK, the RCLK frequency
must be set as a function of the desired multiplexing ratio (that depends on the pixel bus width and number
of bit planes). See Section 2.4 and Table 2–6.
SCLK is the same as RCLK but disabled during the blank active period. SCLK is designed to be used as
the shift clock to interface directly with the VRAM. If SCLK is not used, the output can be switched off and
held low to protect against VRAM lockup due to invalid SCLK frequencies. The detailed SCLK control timing
is discussed in Section 2.3.2 and illustrated in Figures 2–2 through 2–5.
VCLK is designed to be used as the timing reference by the graphics processor or other custom-designed
control logic to generate the graphics system control signals (SYSBL, SYSHS, and SYSVS). VCLK can be
selected as divisions of 1, 2, 4, 8, 16, 32, or 64 of the dot clock and can also be held at logic 1 (see Table 2–5).
The default setup is VCLK held at logic 1 since it is not used in VGA pass-through mode. Since these control
signals are sampled by VCLK, VCLK must be enabled for these to function properly (see Figures 2–2
through 2–5).
Even though RCLK /SCLK and VCLK can be selected independently, there is still a relationship between
the two as discussed below. Many system considerations have been carefully covered in their design,
leaving maximum freedom to the user.
Internally, RCLK, SCLK, and VCLK are generated from a common clock counter that is counted at the rising
edge of the DOTCLK. Therefore, when VCLK is enabled, it is naturally in phase with RCLK and SCLK as
shown in Figure 2–1.
The internal clock counter is initialized any time the output-clock-selection register is written with 3F (hex).
This provides a simple mechanism to synchronize multiple palettes or system devices by providing a known
phase relationship for the various system clocks. It is left up to the user to provide some means of disabling
the dot clock input to the part while this reset is occurring if multiple parts are to be synchronized.
The reset default divide ratio for RCLK is 64:1 with SCLK held at logic 0 and VCLK held at logic 1.
When choosing certain video timing parameters, exercise caution if the selected RCLK frequency is less
than the selected VCLK frequency. Refer to Appendix B for a more detailed discussion.
DOTCLK
VCLK
(DOTCLK/4 as an example)
RCLK = SCLK
(DOTCLK/2 as an example)
Figure 2–1. DOTCLK / VCLK / RCLK / SCLK Relationship
The input-clock-selection register is used to select the desired input clock source. Table 2–4 details how to
program the various options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com