Electronic Components Datasheet Search
  English  ▼

X  

TVP3020 Datasheet(PDF) 96 Page - Texas Instruments

Part # TVP3020
Description  Video Interface Palette
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP3020 Datasheet(HTML) 96 Page - Texas Instruments

Back Button TVP3020 Datasheet HTML 90Page - Texas Instruments TVP3020 Datasheet HTML 91Page - Texas Instruments TVP3020 Datasheet HTML 92Page - Texas Instruments TVP3020 Datasheet HTML 93Page - Texas Instruments TVP3020 Datasheet HTML 94Page - Texas Instruments TVP3020 Datasheet HTML 95Page - Texas Instruments TVP3020 Datasheet HTML 96Page - Texas Instruments TVP3020 Datasheet HTML 97Page - Texas Instruments TVP3020 Datasheet HTML 98Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 96 / 98 page
background image
E–12
Overscan Color RGB Registers
These registers are used to specify the color for the overscan function. This function can be used to create
custom screen borders (see 2.7). They are not initialized and maybe written to or read from by the MPU
at any time. The register format for both the Overscan color registers is shown below.
Table J–18.
Overscan Color RED
Data bit
D7
D6
D5
D4
D3
D2
D1
D0
RED Val-
ue
7
6
5
4
3
2
1
0
Index = 20h
Table J–19.
Overscan Color GREEN
Data bit
D7
D6
D5
D4
D3
D2
D1
D0
GREEN
Value
7
6
5
4
3
2
1
0
Index = 21h
Table J–20.
Overscan Color BLUE
Data bit
D7
D6
D5
D4
D3
D2
D1
D0
BLUE Val-
ue
7
6
5
4
3
2
1
0
Index = 22h
Values 00 (hex) to FF (hex) may be written into the Overscan Color registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com