Electronic Components Datasheet Search
  English  ▼

X  

TVP3020 Datasheet(PDF) 17 Page - Texas Instruments

Part # TVP3020
Description  Video Interface Palette
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP3020 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TVP3020 Datasheet HTML 13Page - Texas Instruments TVP3020 Datasheet HTML 14Page - Texas Instruments TVP3020 Datasheet HTML 15Page - Texas Instruments TVP3020 Datasheet HTML 16Page - Texas Instruments TVP3020 Datasheet HTML 17Page - Texas Instruments TVP3020 Datasheet HTML 18Page - Texas Instruments TVP3020 Datasheet HTML 19Page - Texas Instruments TVP3020 Datasheet HTML 20Page - Texas Instruments TVP3020 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 98 page
background image
2–3
Table 2–2. Indirect Register Map (Extended Registers) (Continued)
INDEX REGISTER
(HEX)
R/W
DEFAULT
(HEX)
REGISTER ADDRESSED
BY INDEX REGISTER
36
R/W
XX
Color-Key Blue Low
37
R/W
XX
Color-Key Blue High
38
R/W
10
Color-Key Control Register
39
Reserved-Undefined
3A
R/W
00
Sense Test Register
3B
R
XX
Test Data Register
3C
R
XX
CRC LSB
3D
R
XX
CRC MSB
3E
W
XX
CRC Control Register
3F
R
20
ID Register
FF
W
XX
Reset Register
NOTE: Reserved registers should be avoided; otherwise, circuit behavior could deviate
from that specified. Reserved-undefined registers are nonexistent locations on
the register map.
2.2
Color Palette
The color palette is addressed by an internal 8-bit address register for reading/writing data from/to the RAM.
This register is automatically incremented following a RAM transfer, allowing the entire palette to be
read/written with only one access of the address register. When the address register increments beyond
the last location in RAM, it is reset to the first location (address 0). All read and write accesses to the RAM
are asynchronous to SCLK, VCLK, and dot clock but performed within one dot clock. Therefore, they do not
cause any noticeable disturbance on the display.
The color RAM is 24 bits wide for each location and 8 bits wide for each color. Since the MPU access is eight
bits wide, the color data stored in the palette is eight bits even when the six-bit mode is chosen (8/6 = 0).
If the six-bit mode is chosen, the two MSBs of color data in the palette have the values previously written.
However, if they are read back in the six-bit mode, the two MSBs are 0s to be compatible with IMSG176 and
Bt176. The output multiplexer shifts the six LSB bits to the six MSB positions and fills the two LSBs with 0s
after the color palette. The multiplexer then feeds the data to the DAC. The test register and the CRC
calculation both take data after the output multiplexer, enabling total system verification. The color palette
access is described in the following two sections, and it is fully compatible with IMSG176/8 and Bt476/8.
2.2.1
Writing to Color-Palette RAM
To load the color palette, the MPU must first write to the address register (write mode) with the address where
the modification is to start. This is then followed by three successive writes to the palette holding register
with 8 bits of red, green, and blue data. After the blue write cycle, the three bytes of color data are
concatenated into a 24-bit word that is then written to the RAM location specified by the address register.
The address register then increments to the next location, which the MPU may modify by simply writing
another sequence of red, green, and blue data. A block of color values in consecutive locations may be
written to by writing the start address and performing continuous red, green, and blue write cycles until the
entire block has been written.
2.2.2
Reading From Color-Palette RAM
Reading from the palette is performed by writing to the address register (read mode) with the location to be
read. This then initiates a transfer from the palette RAM into the holding register, followed by an increment
of the address register. Three successive MPU reads from the holding register produce red, green, and blue
color data (6 or 8 bits depending on the 8/6 mode) for the specified location. Following the blue read cycle,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com