Electronic Components Datasheet Search
  English  ▼

X  

TVP3020 Datasheet(PDF) 16 Page - Texas Instruments

Part # TVP3020
Description  Video Interface Palette
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP3020 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TVP3020 Datasheet HTML 12Page - Texas Instruments TVP3020 Datasheet HTML 13Page - Texas Instruments TVP3020 Datasheet HTML 14Page - Texas Instruments TVP3020 Datasheet HTML 15Page - Texas Instruments TVP3020 Datasheet HTML 16Page - Texas Instruments TVP3020 Datasheet HTML 17Page - Texas Instruments TVP3020 Datasheet HTML 18Page - Texas Instruments TVP3020 Datasheet HTML 19Page - Texas Instruments TVP3020 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 98 page
background image
2–2
Table 2–2. Indirect Register Map (Extended Registers) (Continued)
INDEX REGISTER
(HEX)
R/W
DEFAULT
(HEX)
REGISTER ADDRESSED
BY INDEX REGISTER
11
R/W
XX
Window-Start X MSB
12
R/W
XX
Window-Stop X LSB
13
R/W
XX
Window-Stop X MSB
14
R/W
XX
Window-Start Y LSB
15
R/W
XX
Window-Start Y MSB
16
R/W
XX
Window-Stop Y LSB
17
R/W
XX
Window-Stop Y MSB
18
R/W
80
Multiplexer-Control Register 1
19
R/W
98
Multiplexer-Control Register 2
1A
R/W
00
Input-Clock-Selection Register
1B
R/W
3E
Output-Clock-Selection Register
1C
R/W
00
Palette-Page Register
1D
R/W
20
General-Control Register
1E – 1F
Reserved-Undefined
20
R/W
XX
Overscan Color Red
21
R/W
XX
Overscan Color Green
22
R/W
XX
Overscan Color Blue
23
R/W
XX
Cursor Color 0, Red
24
R/W
XX
Cursor Color 0, Green
25
R/W
XX
Cursor Color 0, Blue
26
R/W
XX
Cursor Color 1, Red
27
R/W
XX
Cursor Color 1, Green
28
R/W
XX
Cursor Color 1, Blue
29
R/W
09
Auxiliary Control Register
2A
R/W
00
General-Purpose I/O Control Register
2B
R/W
XX
General-Purpose I/O Data Register
2C
Reserved
2D
Reserved
2E
Reserved
2F
Reserved
30
R/W
XX
Color-Key OL/VGA Low
31
R/W
XX
Color-Key OL/VGA High
32
R/W
XX
Color-Key Red Low
33
R/W
XX
Color-Key Red High
34
R/W
XX
Color-Key Green Low
35
R/W
XX
Color-Key Green High
NOTE: Reserved registers should be avoided; otherwise, circuit behavior could deviate
from that specified. Reserved-undefined registers are nonexistent locations on
the register map.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com