| Electronic Components Datasheet Search |
|
TVP3020 Datasheet(PDF) 32 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TVP3020 Datasheet(HTML) 32 Page - Texas Instruments |
|
32 / 98 page ![]() 2–18 Table 2–7. Pseudo-Color Mode Pixel-Latching Sequence (see Notes 13 and 14) v1 s1 s2 s3 s4 s5 s6 s7 VGA7–VGA0 P0 P0 P0 P0 P0 P1, P0 P1 – P0 P1 P1 P1 P1 P1 P3, P2 P3 – P2 P2 P2 P2 P2 P2 P5 – P4 P3 • • • • P7 – P6 • • • • P7 P15 P31 P63 s8 s9 s10 s11 s12 s13 s14 s15 P1 – P0 P1 – P0 P1 – P0 P3 – P0 P3 – P0 P3 – P0 P3 – P0 P3 – P0 P3 – P2 P3 – P2 P3 – P2 P7 – P4 P7 – P4 P7 – P4 P7 – P4 P5 – P4 P5 – P4 P5 – P4 P11 – P8 P11 – P8 P11 – P8 • • • P15 – P12 • • • • • • • P15 – P14 P31 – P30 P63 – P62 P31 – P28 P63 – P60 s16 s17 s18 s19 P7 – P0 P7 – P0 P7 – P0 P7 – P0 P15 – P8 P15 – P8 P15 – P8 P23 – P16 P23 – P16 P31 – P24 • • P63 – P56 NOTES: 13. The latching sequence is initiated by a rising edge on LCLK. For modes in which multiple groups of data are latched, the LCLK rising edge latches all the groups and the pixel clock shifts them out starting with the low-numbered group. For example, in pseudo-color submode 3 with a 16-bit pixel bus width, the rising edge of LCLK latches all the data groups shown above (s13) and the pixel clock shifts them out in the order P(3 – 0), P(7 – 4), P(11 – 8), and P(15 – 12). Note that each line in each subtable above represents one pixel. 14. When in the big-endian format (GCR3 =1), the pixel bus is externally swapped by the user (i.e., D63 connected to P0, D0 connected to P63). Since data is always shifted out from low-numbered groups to high-numbered groups, the external swapping of the pixel bus causes the groups to be shifted out in the correct order. However, for modes with more than one bit per pixel, the bits in each data group are reversed (LSB to MSB). This is internally corrected by the Viewpoint input multiplexer. The difference between big- and little-endian data formats and how they affect the pixel bus operation is discussed in more detail in Appendix C. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |