Electronic Components Datasheet Search
  English  ▼

X  

TVP3020 Datasheet(PDF) 30 Page - Texas Instruments

Part # TVP3020
Description  Video Interface Palette
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP3020 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TVP3020 Datasheet HTML 26Page - Texas Instruments TVP3020 Datasheet HTML 27Page - Texas Instruments TVP3020 Datasheet HTML 28Page - Texas Instruments TVP3020 Datasheet HTML 29Page - Texas Instruments TVP3020 Datasheet HTML 30Page - Texas Instruments TVP3020 Datasheet HTML 31Page - Texas Instruments TVP3020 Datasheet HTML 32Page - Texas Instruments TVP3020 Datasheet HTML 33Page - Texas Instruments TVP3020 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 98 page
background image
2–16
Table 2–6. Multiplex Mode and Bus-Width Selection (Continued)
MODE
SUB-
MODE
MULTIPLEX-
CONTROL
REGISTER 1
(HEX)
MULTIPLEX-
CONTROL
REGISTER 2
(HEX)
DATA
BITS
PER
PIXEL
(see
Note 8)
PIXEL
BUS
WIDTH
MULTI-
PLEX
RATIO
(see
Note 9)
OVERLAY
BITS
PER
PIXEL
TABLE
REFERENCE
(see
Note 10)
06
1B
24
32
1
8
d1
1
06
1C
24
64
2
8
d2
24-bit
07
1B
24
32
1
8
d3
07
1C
24
64
2
8
d4
2
05
02
16
16
1
NA
d5
2
(5 – 6 – 5)
05
03
16
32
2
NA
d6
XGA
05
04
16
64
4
NA
d7
Direct
3
04
02
15
16
1
1
d8
Direct
3
(5 – 5 – 5)
04
03
15
32
2
1
d9
TARGA
04
04
15
64
4
1
d10
4
03
02
16
16
1
NA
d11
4
16-bit
03
03
16
32
2
NA
d12
(6 – 6 – 4)
03
04
16
64
4
NA
d13
5
01
12
12
16
1
4
d14
5
12-bit
01
13
12
32
2
4
d15
(4 – 4 – 4)
01
14
12
64
4
4
d16
NOTES:
9. Data bits per pixel is the number of bits of pixel port information used as color data for each displayed pixel,
often referred to as the number of bit planes.
10. Multiplex ratio indicates the number of pixels per bus load or the number of pixels associated with each
LCLK (load clock) pulse. For example, with a 32-bit pixel bus width and 8 bit planes, each bus load consists
of four pixels. In a typical implementation, the LCLK signal is either connected to or derived from RCLK.
Therefore, the RCLK divide ratio must be chosen as a function of the multiplex mode selected. The RCLK
divide ratio is not automatically set by mode selection but must be programmed in the output clock selection
register by the user.
11. This column is a reference to Tables 2–8 through 2–11, where the actual manipulation of pixel information
and pixel latching sequences are illustrated for each of the multiplexing modes.
12. It is recommended that all unused input terminals be connected to ground to conserve power.
13. Multiplex-control register 2 bit 7 enables (logic 1) and disables (logic 0 ) the VGA port. If auxiliary-window
or port-select switching is to be done involving the VGA port, this bit needs to be set to a logic 1 as well as
programming for the correct direct-color mode. For example, if auxiliary windowing is to be done with
direct-color submode 1 (32-bit pixel bus) and VGA, instead of programming 1B (hex), multiplex-control
register 2 should be programmed to 9B (hex). If only VGA pass-through is desired, the values should be
programmed for VGA mode as indicated in Table 2–6. If only VGA pass-through is desired, the values
should be programmed as indicated in Table 2–6 for VGA mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com