Electronic Components Datasheet Search
  English  ▼

X  

TVP3020 Datasheet(PDF) 9 Page - Texas Instruments

Part # TVP3020
Description  Video Interface Palette
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP3020 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TVP3020 Datasheet HTML 5Page - Texas Instruments TVP3020 Datasheet HTML 6Page - Texas Instruments TVP3020 Datasheet HTML 7Page - Texas Instruments TVP3020 Datasheet HTML 8Page - Texas Instruments TVP3020 Datasheet HTML 9Page - Texas Instruments TVP3020 Datasheet HTML 10Page - Texas Instruments TVP3020 Datasheet HTML 11Page - Texas Instruments TVP3020 Datasheet HTML 12Page - Texas Instruments TVP3020 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 98 page
background image
1–3
1.2
Functional Block Diagram
8
12
Input
Latch
2:1
MUX
64
8 – 8 – 8
6 – 6 – 4
5 – 6 – 5
5 – 5 – 5
4 – 4 – 4
True-Color
Multiplexer
32 32
24
16
16
15
64
Stuffing
Logic
12 - 24
24 24
Direct-Color
Pipeline Delay
24
Input
Latch
Pseudo-
Color
MUX
1:1
2:1
4:1
8:1
16:1
32:1
1
2
4
Read
Mask
8
Page
Reg
8
8
8
8
8
8
8
8
256
× 8
Red
RAM
8
8
8
256
× 8
Green
RAM
256
× 8
Blue
RAM
1
× 24
Cursor
Color 0
1
× 24
Cursor
Color 1
1
× 24
Overscan
64
× 64
Cursor
RAM
and
Control
8
8
8
24
24
24
Output
MUX
DAC
8
8
8
DAC
DAC
Vref
1.235 V
REF
FSADJ
COMP
IOR
IOG
IOB
Test Function
and
Sense Comparator
Video-Signal
Control
SENSE
HSYNCOUT
VSYNCOUT
Auxiliary Window
and
Port Select
2
1
Clock Select
and
Control
Color Key
Switch
Frequency
Doubler
2
32
8
8
MPU
Registers
and
Control
Logic
8
3
5
P(0 – 63)
VGA(0 – 7)
D(0 – 7)
RS(0 – 2)
RD
WR
8
24
Figure 1–1. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com