Electronic Components Datasheet Search
  English  ▼

X  

AD9542 Datasheet(PDF) 49 Page - Analog Devices

Part # AD9542
Description  Quad Input, Five-Output, Dual DPLL Synchronizer and Adaptive Clock Translator
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9542 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9542 Datasheet HTML 45Page - Analog Devices AD9542 Datasheet HTML 46Page - Analog Devices AD9542 Datasheet HTML 47Page - Analog Devices AD9542 Datasheet HTML 48Page - Analog Devices AD9542 Datasheet HTML 49Page - Analog Devices AD9542 Datasheet HTML 50Page - Analog Devices AD9542 Datasheet HTML 51Page - Analog Devices AD9542 Datasheet HTML 52Page - Analog Devices AD9542 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
Data Sheet
AD9542
Rev. 0 | Page 49 of 61
Note that this formula ignores other contributors to phase error,
including jitter, frequency offset, and propagation delay variation.
If the user has a prior knowledge of the timing of an external
event, such as the switching of the reference input clock source
via an external mux, rather than using the phase transient step
detector, a more robust solution is to invalidate the associated
reference manually. To do so, force a reference fault condition
via the appropriate operational controls bit field. Using this
method imposes the least impact on the steady state operation of
the device. The only steady state impact is that the validation
timer of the associated reference must be set to a duration that
is longer (with suitable margin) than the duration between the
assertion of the force fault condition and the occurrence of the
external event.
SKEW ADJUSTMENT
Skew adjustment allows the user to associate a fixed phase offset
with a reference input, which, for example, is useful in applications
with redundant GNSS/GPS reference sources. That is, a user
may have two or more GNSS/GPS sources that have identical
frequency but may exhibit a fixed time offset due to a mismatch
between antenna cable lengths.
To activate the skew adjustment feature, program the 24-bit
signed Profile x phase skew bit field (where x is the profile number,
Profile 0 to Profile 7). The default value is zero, which disables
the skew adjustment feature. A nonzero value enables the skew
adjustment feature and denotes the desired time skew in units
of picoseconds per the following equation:
Time Skew = Profile x Phase Skew × 10
−12
As an example, determine the value of the Profile x phase skew
bit field necessary for a time skew of −35 ns. Solving the
previous equation for the Profile x phase skew yields
Profile x Phase Skew = (−35 × 10
−9)/10−12
= −35,000
= 0xFF7748 (hexadecimal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com