Electronic Components Datasheet Search
  English  ▼

X  

AD9542 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9542
Description  Quad Input, Five-Output, Dual DPLL Synchronizer and Adaptive Clock Translator
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9542 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9542 Datasheet HTML 4Page - Analog Devices AD9542 Datasheet HTML 5Page - Analog Devices AD9542 Datasheet HTML 6Page - Analog Devices AD9542 Datasheet HTML 7Page - Analog Devices AD9542 Datasheet HTML 8Page - Analog Devices AD9542 Datasheet HTML 9Page - Analog Devices AD9542 Datasheet HTML 10Page - Analog Devices AD9542 Datasheet HTML 11Page - Analog Devices AD9542 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 61 page
background image
AD9542
Data Sheet
Rev. 0 | Page 8 of 61
REFERENCE MONITORS
Table 6.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
REFERENCE MONITORS
Reference Monitor
Loss of Reference
Detection Time
4.9 + 0.13 × t
PFD
µs
t
PFD is the nominal phase detector period, R/fREF, where R is
the frequency division factor determined by the R divider,
and f
REF is the frequency of the active reference
Frequency Out of
Range Limits
5 × 10−8
0.015
ppb
Parts per billion (ppb) is defined as Δf/f
REF, where Δf is the
frequency deviation, and f
REF is the reference input
frequency; programmable with the lower bound, subject
to quality of the system clock (or the source of system
clock compensation)
Validation Timer
0.001
1048
sec
Programmable in 1 ms increments
Excess Jitter Alarm Threshold
1
65535
ns
Programmable in 1 ns increments
DPLL PHASE CHARACTERISTICS
Table 7.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
MAXIMUM OUTPUT PHASE
PERTURBATION
Assumes a jitter free reference; satisfies Telcordia GR-1244-CORE
requirements; 0 ppm frequency difference between references;
reference switch initiated via register map (see the AD9542 Register
Map Reference Manual) by faulting the active reference input
Phase Refinement Disabled
50 Hz DPLL loop bandwidth; normal phase margin mode; frequency
translation = 19.44 MHz to 155.52 MHz; 49.152 MHz signal generator
used for system clock source
Peak
±20
±140
ps
Steady State
Phase Buildout Operation
±18
±125
ps
Hitless Operation
0
ps
Phase Refinement Enabled
50 Hz DPLL loop bandwidth; high phase margin mode; phase
refinement iterations = 4; frequency translation = 19.44 MHz to
155.52 MHz; 49.152 MHz signal generator used for system clock source
Peak
±5
±40
ps
Steady State
Phase Buildout Operation
±4
±35
ps
Hitless Operation
0
ps
PHASE SLEW LIMITER
0.001
250
µs/sec
See the AN-1420 Application Note, Phase Buildout and Hitless
Switchover with Digital Phase-Locked Loops (DPLLs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com